Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402HL Datasheet (PDF) - Coilcraft lnc.

0402HL Datasheet PDF - Coilcraft lnc.
Part # 0402HL
Download  0402HL Download

File Size   301.8 Kbytes
Page   2 Pages
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.
Description Higher inductance values than other 0402 ceramic chip inductors

0402HL Datasheet (PDF)

Go To PDF Page Download Datasheet
0402HL Datasheet PDF - Coilcraft lnc.

Part # 0402HL
Download  0402HL Click to download

File Size   301.8 Kbytes
Page   2 Pages
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.
Description Higher inductance values than other 0402 ceramic chip inductors

0402HL Datasheet (HTML) - Coilcraft lnc.

0402HL Datasheet HTML 1Page - Coilcraft lnc. 0402HL Datasheet HTML 2Page - Coilcraft lnc.

0402HL Product details

Chip Inductors



• Higher inductance values than other 0402 ceramic chip inductors

• 12 inductance values from 270 nH to 820 nH




Similar Part No. - 0402HL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HP COILCRAFT-0402HP Datasheet
231Kb / 2P
   Chip Inductors
0402HP-10NXGLQ COILCRAFT-0402HP-10NXGLQ Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-10NXGLU COILCRAFT-0402HP-10NXGLU Datasheet
108Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-10NXGLW COILCRAFT-0402HP-10NXGLW Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-10NXJLW COILCRAFT-0402HP-10NXJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
More results


Similar Description - 0402HL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008PS COILCRAFT-1008PS_12 Datasheet
250Kb / 2P
   Higher SRF than our other power inductors, High inductance with tight tolerance
0603HP COILCRAFT-0603HP_12 Datasheet
150Kb / 2P
   Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz
logo
Ohmite Mfg. Co.
RES-14984 OHMITE-RES-14984 Datasheet
128Kb / 1P
   Available for ohmic values other than those listed
logo
Bourns Electronic Solut...
CW105550A BOURNS-CW105550A Datasheet
323Kb / 3P
   0402 Chip Inductors
logo
NIC-Components Corp.
NIS NIC-NIS Datasheet
74Kb / 3P
   0402/0603 Chip Inductors
logo
Advanced Thermal Soluti...
ATS-52230P-C1-R0 ATS-ATS-52230P-C1-R0_17 Datasheet
286Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52270B-C1-R0 ATS-ATS-52270B-C1-R0_17 Datasheet
285Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52290P-C1-R0 ATS-ATS-52290P-C1-R0_17 Datasheet
286Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52300B-C1-R0 ATS-ATS-52300B-C1-R0_17 Datasheet
285Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52310B-C1-R0 ATS-ATS-52310B-C1-R0_17 Datasheet
285Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com