Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX11LHG Datasheet (PDF) - EUROQUARTZ limited

CX11LHG Datasheet PDF - EUROQUARTZ limited
Part # CX11LHG
Download  CX11LHG Download

File Size   181.07 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Frequency Range 16MHz to 50MHz

CX11LHG Datasheet (PDF)

Go To PDF Page Download Datasheet
CX11LHG Datasheet PDF - EUROQUARTZ limited

Part # CX11LHG
Download  CX11LHG Click to download

File Size   181.07 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Frequency Range 16MHz to 50MHz

CX11LHG Datasheet (HTML) - EUROQUARTZ limited

CX11LHG Datasheet HTML 1Page - EUROQUARTZ limited

CX11LHG Product details

DESCRIPTION
CX11LHG crystals are high performance devices designed to survive extreme shock and high vibration environments. Low acceleration sensitivity and low ageing performance are coupled with tight cailibration and temperature tolerances.

FEATURES
• Frequency Range 16MHz to 50MHz
• Mechanical shock survivability up to 75,000g
• Ultra-low profile and outline ceramic package
• Low acceleration sensitivity available
• Low ageing
• Full MIL testing available




Similar Part No. - CX11LHG

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX11LHG STATEK-CX11LHG Datasheet
191Kb / 2P
   High Shock, Ultra Low Profile, Ultra-Miniature AT Quartz Crystal
More results


Similar Description - CX11LHG

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX18SMAT EUROQUARTZ-CX18SMAT Datasheet
99Kb / 1P
   Frequency Range 30MHz ~ 50MHz
logo
List of Unclassifed Man...
KRFC ETC2-KRFC Datasheet
392Kb / 1P
   Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
CMM6003-SC ETC-CMM6003-SC Datasheet
703Kb / 5P
   50MHz to 870 MHz High Dynamic Range Amplifier
logo
Micrel Semiconductor
SY89430V MICREL-SY89430V Datasheet
139Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
logo
EUROQUARTZ limited
EQJF EUROQUARTZ-EQJF Datasheet
149Kb / 4P
   High Frequency - Ultra-Low Jitter 50MHz to 2100MHz
logo
Micrel Semiconductor
SY89430V MICREL-SY89430V_06 Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
logo
Japan Aviation Electron...
716 JAE-716 Datasheet
289Kb / 5P
   FREQUENCY RANGE TO 3GHz
CF2 JAE-CF2 Datasheet
326Kb / 8P
   FREQUENCY RANGE TO 6GHz
CJ2 JAE-CJ2 Datasheet
359Kb / 7P
   FREQUENCY RANGE TO 3GHz
CV10 JAE-CV10 Datasheet
320Kb / 7P
   FREQUENCY RANGE TO 3GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com