Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E05P+ Datasheet (PDF) - Maxim Integrated Products

DS28E05P+ Datasheet PDF - Maxim Integrated Products
Part # DS28E05P+
Download  DS28E05P+ Download
File Size   2019.97 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Contact 1-Wire Interface

DS28E05P+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28E05P+ Datasheet PDF - Maxim Integrated Products

Part # DS28E05P+
Download  DS28E05P+ Click to download

File Size   2019.97 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Contact 1-Wire Interface

DS28E05P+ Datasheet (HTML) - Maxim Integrated Products


DS28E05P+ Product details

General Description

The DS28E05 is a 112-byte user-programmable EEPROM organized as 7 pages of 16 bytes each. Memory pages can be individually set to write protected or EPROM emulation mode through protection byte settings. Each part has its own guaranteed unique 64-bit ROM identification number (ROM ID) that is factory programmed into the chip. The DS28E05 communicates over Maxim Integrated’s single contact 1-Wire® interface at overdrive speed with the ROM ID acting as node address in the case of a multiple-device 1-Wire network.



Features

●  Single-Contact 1-Wire Interface

●  112 Bytes User EEPROM with 1K Write Cycles

●  Programmable Write Protection and OTP EPROM Emulation Modes for User Memory

●  Unique Factory-Programmed 64-Bit ROM ID Number

●  Communicates with Host at Up to 76.9kbps (Overdrive Only)

●  Operating Range: 2.75V to 3.63V, -40°C to +85°C

●  ±8kV HBM ESD Protection (typ) on IO Pin

●  3-Pin SOT23 and 6-Pin TSOC Packages



Applications

●  Accessory/PCB Identification

●  Medical Sensor Calibration Data Storage

●  Analog Sensor Calibration

●  Aftermarket Management of Consumables




Similar Part No. - DS28E05P+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
logo
Analog Devices
DS28E01-100 AD-DS28E01-100 Datasheet
363Kb / 2P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 10/24
DS28E01-100+ AD-DS28E01-100+ Datasheet
363Kb / 2P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 10/24
More results


Similar Description - DS28E05P+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2482-100 DALLAS-DS2482-100 Datasheet
255Kb / 21P
Single-Channel 1-Wire Master
logo
Fairchild Semiconductor
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
Indicator LED Blinker with Single-Wire Interface
logo
Maxim Integrated Produc...
DS2482-100 MAXIM-DS2482-100 Datasheet
359Kb / 24P
Single-Channel 1-Wire Master
Rev 8; 11/09
logo
Bothhand USA, LP.
S5351 BOTHHAND-S5351 Datasheet
271Kb / 1P
DIL SINGLE T-1/E-1 LINE INTERFACE MODULE
S5778A BOTHHAND-S5778A Datasheet
271Kb / 1P
DIL SINGLE T-1/E-1 LINE INTERFACE
logo
Maxim Integrated Produc...
DS2482-100 MAXIM-DS2482-100_12 Datasheet
361Kb / 24P
Single-Channel 1-Wire Master
Rev 9; 1/12
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
Two-wire serial interface Two-wire serial interface
logo
Maxim Integrated Produc...
DS2482-100 MAXIM-DS2482-100_15 Datasheet
290Kb / 24P
Single-Channel 1-Wire Master
Rev 10; 1/15
DS2484 MAXIM-DS2484 Datasheet
1Mb / 29P
Single-Channel 1-Wire Master
Rev 1; 7/15
logo
LinkCom Manufacturing C...
DAL015N301NNN0-00G LINKCOM-DAL015N301NNN0-00G Datasheet
214Kb / 3P
DALI Dry Contact Interface
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com