Manufacturer | Part # | Datasheet | Description |
Maxim Integrated Produc... |
21-0664
|
46Kb / 2P |
PACKAGE OUTLINE 12L TDFN, 3*3*0.75MM
REV .B |
21-0451
|
41Kb / 2P |
PACKAGE OUTLINE, 12L ULTRA TDFN, NIPD, 3*3*0.50MM
REV .C |
90-0021
|
29Kb / 1P |
PACKAGE LAND PATTERN, (T2444-3 / T24443)
Rev B |
90-0119
|
25Kb / 1P |
PACKAGE LAND PATTERN, (U14E-3 / U14E3)
Rev C |
90-0120
|
26Kb / 1P |
PACKAGE LAND PATTERN, (U16E-3 / U16E3)
Rev C |
90-0129
|
23Kb / 1P |
PACKAGE LAND PATTERN, (T4877-3 / T48773)
Rev B |
90-0179
|
23Kb / 1P |
PACKAGE LAND PATTERN, (U3) SOT23, 3 LEADS
Rev C |
90-0330
|
23Kb / 1P |
PACKAGE LAND PATTERN, (U10) 3*3MM UMAX, 10 LEADS
Rev B |
21-0137
|
48Kb / 2P |
PACKAGE OUTLINE, 6,8,10 & 14L, TDFN, EXPOSED PAD, 3*3*0.80MM
Rev J |
21-0429
|
71Kb / 2P |
PACKAGE OUTLINE, 10L TDFN, 3*2*0.75MM
REV .C |