Manufacturer | Part # | Datasheet | Description |
Maxim Integrated Produc... |
90-0107
|
28Kb / 1P |
PACKAGE LAND PATTERN, (216) 0.300 SOIC, 16 LEADS
Rev D |
90-0097
|
30Kb / 1P |
PACKAGE LAND PATTERN, (S16) 0.150 SOIC, 16 LEADS
Rev A |
90-0096
|
28Kb / 1P |
PACKAGE LAND PATTERN, (S8) 0.150 SOIC, 8 LEADS
Rev C |
90-0179
|
23Kb / 1P |
PACKAGE LAND PATTERN, (U3) SOT23, 3 LEADS
Rev C |
90-0167
|
25Kb / 1P |
PACKAGE LAND PATTERN, (E16) 0.150 QSOP, 16 LEADS
Rev A |
90-0117
|
29Kb / 1P |
PACKAGE LAND PATTERN, (U16) 4.4MM TSSOP, 16 LEADS
Rev C |
90-0330
|
23Kb / 1P |
PACKAGE LAND PATTERN, (U10) 3*3MM UMAX, 10 LEADS
Rev B |
90-0114
|
26Kb / 1P |
PACKAGE LAND PATTERN, (U20E-1 / U20E1) TSSOP 20 LEADS
Rev B |
90-0360
|
63Kb / 1P |
PACKAGE LAND PATTERN, (G2044Y1)
Rev A |
21-0111
|
31Kb / 1P |
PACKAGE OUTLINE, 8L SOIC,150 EXPOSED PAD
Rev E |