Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5405G Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

UF5405G Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # UF5405G
Download  UF5405G Download

File Size   158.76 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Glass Passivated Rectifiers

UF5405G Datasheet (PDF)

Go To PDF Page Download Datasheet
UF5405G Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # UF5405G
Download  UF5405G Click to download

File Size   158.76 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Glass Passivated Rectifiers

UF5405G Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

UF5405G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UF5405G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

UF5405G Product details

VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 3.0 A

Features
◇ Glass passivated junction
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with alcohol, Isopropanol and similar solvents
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - UF5405G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF5405G PANJIT-UF5405G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RCTIFIER
logo
Galaxy Semi-Conductor H...
UF5405G BILIN-UF5405G Datasheet
81Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Luguang Electr...
UF5405G LUGUANG-UF5405G Datasheet
202Kb / 2P
   Glass Passivated Rectifiers
logo
Leshan Radio Company
UF5405G LRC-UF5405G Datasheet
195Kb / 7P
   Glass Passivated Junction Ultra Fast Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Jinan Jing Heng Electro...
UF5405G JINGHENG-UF5405G Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Similar Description - UF5405G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com