Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDC60D160 Datasheet (PDF) - Crydom Inc.,

HDC60D160 Datasheet PDF - Crydom Inc.,
Part # HDC60D160
Download  HDC60D160 Download

File Size   763.5 Kbytes
Page   6 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description Ratings of 120A and 160A @ 48VDC

HDC60D160 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDC60D160 Datasheet PDF - Crydom Inc.,

Part # HDC60D160
Download  HDC60D160 Click to download

File Size   763.5 Kbytes
Page   6 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description Ratings of 120A and 160A @ 48VDC

HDC60D160 Datasheet (HTML) - Crydom Inc.,

HDC60D160 Datasheet HTML 1Page - Crydom Inc., HDC60D160 Datasheet HTML 2Page - Crydom Inc., HDC60D160 Datasheet HTML 3Page - Crydom Inc., HDC60D160 Datasheet HTML 4Page - Crydom Inc., HDC60D160 Datasheet HTML 5Page - Crydom Inc., HDC60D160 Datasheet HTML 6Page - Crydom Inc.,



Similar Part No. - HDC60D160

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HDC6.0CA DIODES-HDC6.0CA Datasheet
71Kb / 2P
   375W LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
DS30087 Rev. 1P-0
More results


Similar Description - HDC60D160

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HDC200D120 CRYDOM-HDC200D120 Datasheet
741Kb / 6P
   Ratings of 120A and 160A @ 150VDC
HDC100D120 CRYDOM-HDC100D120 Datasheet
733Kb / 6P
   Ratings of 120A and 160A @ 72VDC
logo
Fuji Electric
1MBH15D-060 FUJI-1MBH15D-060 Datasheet
358Kb / 13P
   Ratings and characteristics of Fuji IGBT?
1MBH05D-120 FUJI-1MBH05D-120 Datasheet
361Kb / 13P
   Ratings and characteristics of Fuji IGBT
1MBH10D-120 FUJI-1MBH10D-120 Datasheet
4Mb / 14P
   Ratings and characteristics of Fuji IGBT?
1MBH50D-060S FUJI-1MBH50D-060S Datasheet
3Mb / 13P
   Ratings and characteristics of Fuji IGBT
1MBH05D-060 FUJI-1MBH05D-060 Datasheet
373Kb / 13P
   Ratings and characteristics of Fuji IGBT
1MBH08D-120 FUJI-1MBH08D-120 Datasheet
369Kb / 13P
   Ratings and characteristics of Fuji IGBT?
1MBH10D-060 FUJI-1MBH10D-060 Datasheet
347Kb / 13P
   Ratings and characteristics of Fuji IGBT?
1MBH75D-060S FUJI-1MBH75D-060S Datasheet
4Mb / 13P
   Ratings and characteristics of Fuji IGBT?
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com