Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH64B-102 Datasheet (PDF) - AIT Components Ltd.

CDRH64B-102 Datasheet PDF - AIT Components Ltd.
Part # CDRH64B-102
Download  CDRH64B-102 Download

File Size   32.72 Kbytes
Page   1 Pages
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.
Description CDRH64B SMD POWER INDUCTOR

CDRH64B-102 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDRH64B-102 Datasheet PDF - AIT Components Ltd.

Part # CDRH64B-102
Download  CDRH64B-102 Click to download

File Size   32.72 Kbytes
Page   1 Pages
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.
Description CDRH64B SMD POWER INDUCTOR

CDRH64B-102 Datasheet (HTML) - AIT Components Ltd.

CDRH64B-102 Datasheet HTML 1Page - AIT Components Ltd.

CDRH64B-102 Product details

SPECIFICATION
    TYPE = CDRH64B
    CONSTRUCTION = SURFACE MOUNT POWER INDUCTOR
    TERIMAL COATING = NICKEL / SILVER
    OPERATING TEMP. = -40 TO +85 °C
    STORAGE TEMP = -55 TO +125 °C
    INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
    DIELECTRIC STREGTH = 250Vac TERMINAL-CORE
    HUMIDITY EFFECTS = L±5 @ 95%RH, 40 °C, 1HR
                                           Q±5 @ 95%RH, 40 °C, 1HR
    PACKAGING = 1000PCS/REEL
    MARKING = 3 CHARACTERS, VALUE




Similar Part No. - CDRH64B-102

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH64B SUMIDA-CDRH64B Datasheet
1Mb / 6P
   CDRH64B
CDRH64BNP-100MC-B SUMIDA-CDRH64BNP-100MC-B Datasheet
282Kb / 5P
   SMD Power Inductor
CDRH64BNP-101MC-B SUMIDA-CDRH64BNP-101MC-B Datasheet
282Kb / 5P
   SMD Power Inductor
CDRH64BNP-102MC-B SUMIDA-CDRH64BNP-102MC-B Datasheet
282Kb / 5P
   SMD Power Inductor
CDRH64BNP-120MC-B SUMIDA-CDRH64BNP-120MC-B Datasheet
282Kb / 5P
   SMD Power Inductor
More results


Similar Description - CDRH64B-102

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH64B SUMIDA-CDRH64B Datasheet
1Mb / 6P
   CDRH64B
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com