Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W921E840A Datasheet (PDF) - Winbond

W921E840A Datasheet PDF - Winbond
Part # W921E840A
Download  W921E840A Download

File Size   449.59 Kbytes
Page   58 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4-BIT MICROCONTROLLER

W921E840A Datasheet (PDF)

Go To PDF Page Download Datasheet
W921E840A Datasheet PDF - Winbond

Part # W921E840A
Download  W921E840A Click to download

File Size   449.59 Kbytes
Page   58 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4-BIT MICROCONTROLLER

W921E840A Datasheet (HTML) - Winbond

Back Button W921E840A Datasheet HTML 1Page - Winbond W921E840A Datasheet HTML 2Page - Winbond W921E840A Datasheet HTML 3Page - Winbond W921E840A Datasheet HTML 4Page - Winbond W921E840A Datasheet HTML 5Page - Winbond W921E840A Datasheet HTML 6Page - Winbond W921E840A Datasheet HTML 7Page - Winbond W921E840A Datasheet HTML 8Page - Winbond W921E840A Datasheet HTML 9Page - Winbond W921E840A Datasheet HTML 10Page - Winbond Next Button 

W921E840A Product details

GENERAL DESCRIPTION

The W921E840A/W921C840 is single-chip CMOS 4-bit microcontroller that is subset of W921E880A/W921C880. They features four multi-function timers, one channel DTMF generator, an 8-bit D/A converter circuit, ten interrupt sources, 48-level subroutine nesting, and built in four by one channel comparator circuit. Two power down modes, hold and stop mode, reduce power dissipation. The excellent memory structure, 8K super EPROM in W921E840A and 8K mask ROM in W921C840 for program code and 512 x 4 bit RAM minimize the need for external memory devices.



FEATURES

Operating Voltage

· 2.8 to 5.5V operating voltage for W921E840A EPROM Type

· 2.4 to 5.5V operating voltage for W921C840 Mask ROM Type



Operating Frequency

· Crystal or RC for main system clock

   - Crystal for 400 K, 800 K, 2 M, 3.58 M, 4 MHz

   - RC up to 4 MHz



Memory

· 8K ´ 10-bit ROM (super EPROM)

· 512 ´ 4-bit RAM

   - 64 ´ 4-bit special registers

   - 16 ´ 4-bit working registers

   - 128 ´ 4-bit general registers

   - 304 ´ 4-bit multi-purpose registers



Stack

· 8-bit stack pointer



I/O Pins

· 20 bidirectional and individually controllable I/O lines

   - P2 Port: P2.0 to P2.3 large sink current pins and open drain option

   - P3 Port: P3.0 to P3.3 multi-function I/O

   - P4 Port: P4.0 to P4.3 open drain and pull high resistor option, multi-function I/O

   - P5 Port: P5.0 to P5.3 multi-function I/O

   - P6 Port: P6.0 to P6.3 open drain and pull high resistor option, multi-function I/O

· 14 bidirectional I/O lines

   - PA Port: PA.0 to PA.3 open drain and pull high resistor option

   - PB Port: PB.0 to PB.3 open drain and pull high resistor option

   - PC Port: PC.1 to PC.3 open drain and pull high resistor option

   - PD Port: PD.0 to PD.1 open drain and pull high resistor option



Serial I/O Interface

· Clock synchronous multi-nibbles serial transmitter/receiver interface



DTMF Generator

· One channel DTMF generator



Beep Tone Generator

· One channel beep tone generator



8-bit D/A Converter

· One channel 8-bit D/A converter



Voltage Comparator

· Multiplexed four channel voltage comparator



Timer/Counter

· Timer 0: 2 to 19 order divider

   Auto-reload timer

   Watch-dog timer

· Timer 1: 2 to 19 order divider

   Auto-reload timer

   Arbitrary waveform generator

   External event counter

· Timer 2: 2 to 19 order divider

   Auto-reload timer

   Arbitrary waveform generator

   Period/pulse width measurement function

· Timer 3: 2 to 19 order divider

   Auto-reload timer



Interrupt

· Four external sources: INT0 (P4.3), P4 Port (P4.0 to P4.2)

· Six internal sources: Timer 0, Timer 1, Timer 2, Timer 3, Comparator, Serial Port



Operating Mode (System Clock)

· Normal mode: system clock operating

· HOLD mode: no operation except for oscillator (system clock stops only)

· STOP mode: no operation including oscillator



 




Similar Part No. - W921E840A

ManufacturerPart #DatasheetDescription
logo
Winbond
W921E880 WINBOND-W921E880 Datasheet
430Kb / 57P
   4-BIT MICROCONTROLLER
W921E880A WINBOND-W921E880A Datasheet
430Kb / 57P
   4-BIT MICROCONTROLLER
More results


Similar Description - W921E840A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
   4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
   4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
   4-Bit Microcontroller
logo
Winbond
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
   4-BIT MICROCONTROLLER
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM6811 ETC1-TM6811 Datasheet
59Kb / 5P
   4 Bit Microcontroller
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
   4-BIT MICROCONTROLLER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com