Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0405MF Datasheet (PDF) - Apollo Electron Co., Ltd.

Z0405MF Datasheet PDF - Apollo Electron Co., Ltd.
Part # Z0405MF
Download  Z0405MF Download

File Size   4398.34 Kbytes
Page   6 Pages
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.
Description Sensitive Gate Triac

Z0405MF Datasheet (PDF)

Go To PDF Page Download Datasheet
Z0405MF Datasheet PDF - Apollo Electron Co., Ltd.

Part # Z0405MF
Download  Z0405MF Click to download

File Size   4398.34 Kbytes
Page   6 Pages
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.
Description Sensitive Gate Triac

Z0405MF Datasheet (HTML) - Apollo Electron Co., Ltd.

Z0405MF Datasheet HTML 1Page - Apollo Electron Co., Ltd. Z0405MF Datasheet HTML 2Page - Apollo Electron Co., Ltd. Z0405MF Datasheet HTML 3Page - Apollo Electron Co., Ltd. Z0405MF Datasheet HTML 4Page - Apollo Electron Co., Ltd. Z0405MF Datasheet HTML 5Page - Apollo Electron Co., Ltd. Z0405MF Datasheet HTML 6Page - Apollo Electron Co., Ltd.

Z0405MF Product details

General Description

This device is suitable for direct coupling to TTL, HTL, CMOS and application such as various logic functions, low power AC switching applications, such as fan speed, small light controllers and home appliance equipment. This device may substitute for Z0405MF, 2N6075, BT134-600 series.



Features

◆ Repetitive Peak Off-State Voltage : 600V

◆ R.M.S On-State Current ( IT(RMS)= 4 A )



 




Similar Part No. - Z0405MF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0405MF STMICROELECTRONICS-Z0405MF Datasheet
88Kb / 8P
   4A TRIACS
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
logo
STMicroelectronics
Z0405MF STMICROELECTRONICS-Z0405MF Datasheet
90Kb / 8P
   Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
May 2006 Rev 7
logo
HAOPIN MICROELECTRONICS...
Z0405MF HAOPIN-Z0405MF Datasheet
337Kb / 5P
   Blocking voltage to 600 V
logo
STMicroelectronics
Z0405MF0AA2 STMICROELECTRONICS-Z0405MF0AA2 Datasheet
88Kb / 8P
   4A TRIACS
More results


Similar Description - Z0405MF

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
   Sensitive Gate Triac
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
Unisonic Technologies
BTA04 UTC-BTA04_15 Datasheet
189Kb / 5P
   SENSITIVE GATE TRIAC
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
   Sensitive Gate Triac
logo
NTE Electronics
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
   TRIAC, 16A, Sensitive Gate
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE5655 NTE-NTE5655 Datasheet
19Kb / 2P
   TRIAC - 800mA Sensitive Gate
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com