Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLD131UL Datasheet (PDF) - Sony Corporation

SLD131UL Datasheet PDF - Sony Corporation
Part No. SLD131UL
Download  SLD131UL Click to view

File Size   127.61 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GaAlAs Laser Diode

SLD131UL Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD131UL Datasheet PDF - Sony Corporation

Part No. SLD131UL
Download  SLD131UL Click to view

File Size   127.61 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GaAlAs Laser Diode

SLD131UL Datasheet (HTML) - Sony Corporation

SLD131UL Datasheet HTML 1Page - Sony Corporation SLD131UL Datasheet HTML 2Page - Sony Corporation SLD131UL Datasheet HTML 3Page - Sony Corporation SLD131UL Datasheet HTML 4Page - Sony Corporation SLD131UL Datasheet HTML 5Page - Sony Corporation SLD131UL Datasheet HTML 6Page - Sony Corporation SLD131UL Datasheet HTML 7Page - Sony Corporation

SLD131UL Product details

Description
The SLD131UL is a low-power consumption and low-noise laser diode developed for portable CDs.

Features
• Low current consumption IOP: 20mA (PO = 2.5mW)
• Supports single power supply.
• Low noise

Applications
• Portable CDs



Similar Part No. - SLD131UL

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
   High-Power Density 1W Laser Diode
List of Unclassifed Manufacturers
List of Unclassifed Man...
SLD1332V ETC1-SLD1332V Datasheet
37Kb / 2P
   The Industrys Highest Power 670 nm Band Laser Diode Achieves 500 mW Optical Power Output
Sony Corporation
Sony Corporation
SLD1332V SONY-SLD1332V Datasheet
81Kb / 3P
   670nm, 500mW LASER DIODE
More results

Similar Description - SLD131UL

ManufacturerPart No.DatasheetDescription
Opnext. Inc.
Opnext. Inc.
HL8341MG OPNEXT-HL8341MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8342MG OPNEXT-HL8342MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8343MG OPNEXT-HL8343MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8325G OPNEXT-HL8325G Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8334MG OPNEXT-HL8334MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL7851G OPNEXT-HL7851G Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8337MG OPNEXT-HL8337MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8340MG OPNEXT-HL8340MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
Sony Corporation
Sony Corporation
SLD104AV SONY-SLD104AV Datasheet
93Kb / 4P
   GaAlAs Laser Diode
Hitachi Semiconductor
Hitachi Semiconductor
HL7851G HITACHI-HL7851G Datasheet
21Kb / 4P
   GaAlAs Laser Diode
More results

Datasheet Page

1  2  3  4  5  6  7 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz