Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8279 Datasheet (PDF) - Richtek Technology Corporation

RT8279 Datasheet PDF - Richtek Technology Corporation
Part # RT8279
Download  RT8279 Download

File Size   303.92 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5A, 36V, 500kHz Step-Down Converter

RT8279 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8279 Datasheet PDF - Richtek Technology Corporation

Part # RT8279
Download  RT8279 Click to download

File Size   303.92 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5A, 36V, 500kHz Step-Down Converter

RT8279 Datasheet (HTML) - Richtek Technology Corporation

Back Button RT8279 Datasheet HTML 1Page - Richtek Technology Corporation RT8279 Datasheet HTML 2Page - Richtek Technology Corporation RT8279 Datasheet HTML 3Page - Richtek Technology Corporation RT8279 Datasheet HTML 4Page - Richtek Technology Corporation RT8279 Datasheet HTML 5Page - Richtek Technology Corporation RT8279 Datasheet HTML 6Page - Richtek Technology Corporation RT8279 Datasheet HTML 7Page - Richtek Technology Corporation RT8279 Datasheet HTML 8Page - Richtek Technology Corporation RT8279 Datasheet HTML 9Page - Richtek Technology Corporation RT8279 Datasheet HTML 10Page - Richtek Technology Corporation Next Button 

RT8279 Product details

General Description
The RT8279 is a step-down regulator with an internal power MOSFET. It achieves 5A of continuous output current over a wide input supply range with excellent load and line regulation. Current mode operation provides fast transient response and eases loop stabilization.

Features
● 5A Output Current
● Internal Soft-Start
● 110mΩ Internal Power MOSFET Switch
● Internal Compensation Minimizes External Parts Count
● High Efficiency up to 90%
● 25μA Shutdown Mode
● Fixed 500kHz Frequency
● Thermal Shutdown
● Cycle-by-Cycle Over Current Protection
● Wide 5.5V to 36V Operating Input Range
● Adjustable Output Voltage from 1.222V to 26V
● Available In an SOP8 (Exposed Pad) Package
● RoHS Compliant and Halogen Free

Applications
● Distributive Power Systems
● Battery Charger
● DSL Modems
● Pre-regulator for Linear Regulators




Similar Part No. - RT8279

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8279GSP RICHTEK-RT8279GSP Datasheet
887Kb / 8P
   RT8279 Step-Down Converter Evaluation Board
More results


Similar Description - RT8279

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
   2.5A, 36V, 500kHz Step-Down Converter
logo
Richtek Technology Corp...
RT8289 RICHTEK-RT8289 Datasheet
337Kb / 13P
   5A, 32V, 500kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
   5A,30V,500KHz Step-Down Converter
logo
Richtek Technology Corp...
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
ACT4455 ACTIVE-SEMI-ACT4455_14 Datasheet
673Kb / 16P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
Richtek Technology Corp...
RT2808A RICHTEK-RT2808A Datasheet
371Kb / 15P
   3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com