Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6041A Datasheet (PDF) - Sanyo Semicon Device

EN6041A Datasheet PDF - Sanyo Semicon Device
Part # EN6041A
Download  EN6041A Download

File Size   79.97 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A

EN6041A Datasheet (PDF)

Go To PDF Page Download Datasheet
EN6041A Datasheet PDF - Sanyo Semicon Device

Part # EN6041A
Download  EN6041A Click to download

File Size   79.97 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A

EN6041A Datasheet (HTML) - Sanyo Semicon Device

EN6041A Datasheet HTML 1Page - Sanyo Semicon Device EN6041A Datasheet HTML 2Page - Sanyo Semicon Device EN6041A Datasheet HTML 3Page - Sanyo Semicon Device EN6041A Datasheet HTML 4Page - Sanyo Semicon Device EN6041A Datasheet HTML 5Page - Sanyo Semicon Device EN6041A Datasheet HTML 6Page - Sanyo Semicon Device EN6041A Datasheet HTML 7Page - Sanyo Semicon Device EN6041A Datasheet HTML 8Page - Sanyo Semicon Device EN6041A Datasheet HTML 9Page - Sanyo Semicon Device

EN6041A Product details

Overview
The STK672-110-E is a unipolar fixed-current chopper type 2-phase stepping motor driver hybrid IC. It features power MOSFETs in the output stage and a built-in phase signal distribution IC. The incorporation of a phase distribution IC allows the STK672-110-E to control the speed of the motor based on the frequency of an external input clock signal. It supports two types of excitation for motor control: 2-phase excitation and 1-2 phase excitation. It also provides a function for switching the motor direction.

Features
• The motor speed can be controlled by the frequency of an external clock signal
   (the CLOCK pin signal).
• The excitation type is switched according to the state (low or high) of the MODE pin.
   The mode is set to 2-phase or 1-2
   phase excitation on the rising edge of the clock signal.
• A motor direction switching pin (the CWB pin) is provided.
• All inputs are schmitt inputs and 40kΩ (typical: –50 to +100%) pull-up resistors are built in.
• The motor current can be set by changing the Vref pin voltage.
   Since a 0.22Ω current detection resistor is built in, a
   current of 1A is set for each 0.22V of applied voltage.
• The input frequency range for the clock signal used for motor speed control is 0 to 25kHz.
• Supply voltage ranges: VCC = 10 to 42V, VDD = 5.0V ±5%
• This IC supports motor operating currents of up to 1.8A
   at Tc = 105°C, and of up to 2.65A at Tc = 25°C.

Applications
• Two-phase stepping motor drive in send/receive facsimile units
• Paper feed in copiers, industrial robots, and other applications
   that require 2-phase stepping motor drive




Similar Part No. - EN6041A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN6042A SANYO-EN6042A Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
More results


Similar Description - EN6041A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-060-E SANYO-STK672-060-E Datasheet
200Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com