Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQI27N25TU Datasheet (PDF) - Fairchild Semiconductor

FQI27N25TU Datasheet PDF - Fairchild Semiconductor
Part # FQI27N25TU
Download  FQI27N25TU Download

File Size   1105.17 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 250V N-Channel MOSFET

FQI27N25TU Datasheet (PDF)

Go To PDF Page Download Datasheet
FQI27N25TU Datasheet PDF - Fairchild Semiconductor

Part # FQI27N25TU
Download  FQI27N25TU Click to download

File Size   1105.17 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 250V N-Channel MOSFET

FQI27N25TU Datasheet (HTML) - Fairchild Semiconductor

FQI27N25TU Datasheet HTML 1Page - Fairchild Semiconductor FQI27N25TU Datasheet HTML 2Page - Fairchild Semiconductor FQI27N25TU Datasheet HTML 3Page - Fairchild Semiconductor FQI27N25TU Datasheet HTML 4Page - Fairchild Semiconductor FQI27N25TU Datasheet HTML 5Page - Fairchild Semiconductor FQI27N25TU Datasheet HTML 6Page - Fairchild Semiconductor FQI27N25TU Datasheet HTML 7Page - Fairchild Semiconductor

FQI27N25TU Product details

Features
■ Typ rDS(on) = 108mΩ at VGS = 10V, ID = 25.5A
■ Typ Qg(tot) = 45nC at VGS = 10V, ID = 27A
■ UIS Capability
■ RoHS Compliant
■ Qualified to AEC Q101

Applications
■ Automotive Engine Control
■ Powertrain Management
■ Solenoid and Motor Drivers
■ Electronic Steering
■ Integrated Starter/alternator
■ Distributed Power Architectures and VRM
■ Primary Switch for 12V Systems




Similar Part No. - FQI27N25TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI27N25TU_F085 FAIRCHILD-FQI27N25TU_F085 Datasheet
500Kb / 7P
   N-Channel MOSFET
More results


Similar Description - FQI27N25TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com