Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX098AK Datasheet (PDF) - Sony Corporation

ICX098AK Datasheet PDF - Sony Corporation
Part # ICX098AK
Download  ICX098AK Download

File Size   368.06 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras

ICX098AK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX098AK Datasheet PDF - Sony Corporation

Part # ICX098AK
Download  ICX098AK Click to download

File Size   368.06 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras

ICX098AK Datasheet (HTML) - Sony Corporation

Back Button ICX098AK Datasheet HTML 1Page - Sony Corporation ICX098AK Datasheet HTML 2Page - Sony Corporation ICX098AK Datasheet HTML 3Page - Sony Corporation ICX098AK Datasheet HTML 4Page - Sony Corporation ICX098AK Datasheet HTML 5Page - Sony Corporation ICX098AK Datasheet HTML 6Page - Sony Corporation ICX098AK Datasheet HTML 7Page - Sony Corporation ICX098AK Datasheet HTML 8Page - Sony Corporation ICX098AK Datasheet HTML 9Page - Sony Corporation ICX098AK Datasheet HTML 10Page - Sony Corporation Next Button 

ICX098AK Product details

Description

The ICX098AK is a diagonal 4.5mm (Type 1/4) interline CCD solid-state image sensor with a square pixel array which supports VGA format. Progressive scan allows all pixels signals to be output independently within approximately 1/30 second. Also, the adoption of monitoring mode allows output to an NTSC monitor without passing through the memory. This chip features an electronic shutter with variable charge-storage time which makes it possible to realize full-frame still image without a mechanical shutter. High resolution and high color reproductivity are achieved through the use of R, G, B primary color mosaic filters. Further, high sensitivity and low dark current are achieved through the adoption of HAD (Hole-Accumulation Diode) sensors.



Features

• Progressive scan allows individual readout of the image signals from all pixels.

• High horizontal and vertical resolution (both approx. 400TV-lines) still image without a mechanical shutter.

• Supports monitoring mode

• Square pixel

• Supports VGA format

• Horizontal drive frequency: 12.27MHz

• No voltage adjustments (reset gate and substrate bias are not adjusted.)

• R, G, B primary color mosaic filters on chip

• High resolution, high color reproductivity, high sensitivity, low dark current

• Continuous variable-speed shutter

• Low smear

• Excellent antiblooming characteristics

• Horizontal register: 3.3V drive

• 14-pin high precision plastic package (enables dual-surface standard)




Similar Part No. - ICX098AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results


Similar Description - ICX098AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX098BQ SONY-ICX098BQ Datasheet
328Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX274AQF SONY-ICX274AQF Datasheet
931Kb / 72P
   Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084AK SONY-ICX084AK Datasheet
201Kb / 18P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com