Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX069AK Datasheet (PDF) - Sony Corporation

ICX069AK Datasheet PDF - Sony Corporation
Part No. ICX069AK
Download  ICX069AK Click to view

File Size   233.47 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras

ICX069AK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX069AK Datasheet PDF - Sony Corporation

Part No. ICX069AK
Download  ICX069AK Click to view

File Size   233.47 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras

ICX069AK Datasheet (HTML) - Sony Corporation

Back Button ICX069AK Datasheet HTML 1Page - Sony Corporation ICX069AK Datasheet HTML 2Page - Sony Corporation ICX069AK Datasheet HTML 3Page - Sony Corporation ICX069AK Datasheet HTML 4Page - Sony Corporation ICX069AK Datasheet HTML 5Page - Sony Corporation ICX069AK Datasheet HTML 6Page - Sony Corporation ICX069AK Datasheet HTML 7Page - Sony Corporation ICX069AK Datasheet HTML 8Page - Sony Corporation ICX069AK Datasheet HTML 9Page - Sony Corporation ICX069AK Datasheet HTML 10Page - Sony Corporation Next Button 

ICX069AK Product details

Description
The ICX069AK is an interline CCD solid-state image sensor suitable for PAL color video cameras. High resolution is achieved through the use of Ye, Cy, Mg, and G complementary color mosaic filters. At the same time, high sensitivity and low dark current are achieved through the adoption of HAD (HoleAccumulation Diode) sensors.
This chip features a field period readout system and an electronic shutter with variable charge-storage time.
The package is a 10mm-square 14-pin DIP (Plastic).

Features
• High resolution, high sensitivity and low dark current
• Horizontal register: 3.6 to 5.0V drive
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• Low smear
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Ye, Cy, Mg, and G complementary color mosaic filters on chip



Similar Part No. - ICX069AK

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
ICX069AK SONY-ICX069AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX069AKB SONY-ICX069AKB Datasheet
198Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX069AKB SONY-ICX069AKB Datasheet
195Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX069AK

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
ICX087AKB SONY-ICX087AKB Datasheet
189Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX089AK SONY-ICX089AK Datasheet
262Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX227AK SONY-ICX227AK Datasheet
258Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AKB SONY-ICX209AKB Datasheet
195Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX279AK SONY-ICX279AK Datasheet
204Kb / 19P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX207AK SONY-ICX207AK Datasheet
229Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX229AK SONY-ICX229AK Datasheet
260Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AK SONY-ICX209AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX069AKB SONY-ICX069AKB Datasheet
198Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX087AK SONY-ICX087AK Datasheet
223Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz