Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX054BL Datasheet (PDF) - Sony Corporation

ICX054BL Datasheet PDF - Sony Corporation
Part # ICX054BL
Download  ICX054BL Download

File Size   198.55 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras

ICX054BL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX054BL Datasheet PDF - Sony Corporation

Part # ICX054BL
Download  ICX054BL Click to download

File Size   198.55 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras

ICX054BL Datasheet (HTML) - Sony Corporation


ICX054BL Product details

Description
The ICX054BL is an interline CCD solid-state image sensor suitable for EIA B/W video cameras. Compared with the current product ICX054AL, sensitivity is improved drastically through the adoption of Super HAD CCD technology.
This chip features a field period readout system, and an electronic shutter with variable charge-storage time.

Features
• High sensitivity (+4dB at F8, +2dB at F1.2 compared with ICX054AL)
• High saturation signal (+1dB compared with ICX054AL)
• Low smear and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Horizontal register: 5V drive
• Reset gate: 5V drive




Similar Part No. - ICX054BL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX054BK SONY-ICX054BK Datasheet
208Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
More results


Similar Description - ICX054BL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX058ALB SONY-ICX058ALB Datasheet
442Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Cameras?
ICX405AL SONY-ICX405AL Datasheet
174Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX055BL SONY-ICX055BL Datasheet
200Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com