Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-817 Datasheet (PDF) - Shenzhen Tenand Technology Co., Ltd.

LTV-817 Datasheet PDF - Shenzhen Tenand Technology Co., Ltd.
Part # LTV-817
Download  LTV-817 Download

File Size   635.98 Kbytes
Page   15 Pages
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.
Description Property of LITE-ON Only

LTV-817 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-817 Datasheet PDF - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-817
Download  LTV-817 Click to download

File Size   635.98 Kbytes
Page   15 Pages
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.
Description Property of LITE-ON Only

LTV-817 Datasheet (HTML) - Shenzhen Tenand Technology Co., Ltd.

Back Button LTV-817 Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-817 Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-817 Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-817 Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-817 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-817 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-817 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-817 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-817 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-817 Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd. Next Button 

LTV-817 Product details

High Density Mounting Type Photocoupler



Features

Current transfer ratio (CTR : MIN. 50% at IF=5mA, VCE=5V)

High input-output isolation voltage: (VISO : 5,000Vrms)

Compact dual-in-line package

  LTV-817 : 1-channel type

  LTV-827 : 2-channel type

  LTV-847 : 4-channel type

UL approved (No. E113898)

TUV approved (No. R9653630)

CSA approved (No. CA91533-1)

FIMKO approved (No. 202634)

NEMKO approved (No. P98101945)

DEMKO approved (No. 307857)

SEMKO approved (No. 9832157/01-03)

VDE approved (No. 094722)

Options available :

  -Leads with 0.4"(10.16mm)spacing (M Type)

  -Leads bends for surface mounting(S Type)

  -Tape and Reel of Type I for SMD(Add"-TA"Suffix)

  -Tape and Reel of Type II for SMD(Add"-TA1"Suffix)

  -VDE 0884 approvals (Add"-V"Suffix)



Applications

1. Computer terminals.

2. System appliances, measuring instruments.

3. Registers, copiers, automatic vending machines.

4. Electric home appliances such as fan heaters, etc.

5. Signal transmission between circuits of different potentials and impedances.




Similar Part No. - LTV-817

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817 Datasheet
560Kb / 14P
   Property of Lite-On Only
logo
Shenzhen Tenand Technol...
LTV-817 TENAND-LTV-817 Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817 Datasheet
600Kb / 15P
   LITE-ON TECHNOLOGY CORPORATION Property of LITE-ON Only
LTV-817 LITEON-LTV-817 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
LTV-817-D LITEON-LTV-817-D Datasheet
600Kb / 15P
   Current transfer ratio
More results


Similar Description - LTV-817

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com