Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-815 Datasheet (PDF) - Shenzhen Tenand Technology Co., Ltd.

LTV-815 Datasheet PDF - Shenzhen Tenand Technology Co., Ltd.
Part # LTV-815
Download  LTV-815 Download

File Size   412.3 Kbytes
Page   13 Pages
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.
Description Property of LITE-ON Only

LTV-815 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-815 Datasheet PDF - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-815
Download  LTV-815 Click to download

File Size   412.3 Kbytes
Page   13 Pages
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.
Description Property of LITE-ON Only

LTV-815 Datasheet (HTML) - Shenzhen Tenand Technology Co., Ltd.

Back Button LTV-815 Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-815 Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-815 Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-815 Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-815 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-815 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-815 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-815 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-815 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-815 Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd. Next Button 

LTV-815 Product details

FEATURES

* High current transfer ratio

   ( CTR : MIN. 600% at IF = 1mA, VCE = 2V )

* High input-output isolation voltage

   ( Viso = 5,000Vrms )

* Response time

   ( tr : TYP. 60µs at VCE = 2V, IC = 10mA, RL = 100Ω )

* Dual-in-line package :

   LTV-815 : 1-channel type

   LTV-825 : 2-channel type

   LTV-845 : 4-channel type

* Wide lead spacing package :

   LTV-815M : 1-channel type

   LTV-825M : 2-channel type

   LTV-845M : 4-channel type

* Surface mounting package :

   LTV-815S : 1-channel type

   LTV-825S : 2-channel type

   LTV-845S : 4-channel type

* Tape and reel packaging :

   LTV-815S-TA1, LTV-825S-TA1

* UL approved ( No. E113898 )

* TUV approved ( No. R9653630 )

* CSA approved ( No. CA91533-1 )

* FIMKO approved ( No. 193422-01 )

* NEMKO approved ( No. P96103013 )

* DEMKO approved ( No. 303986 )

* SEMKO approved ( No. 9646047 / 01-30 )

* VDE approved ( No. 094722 )



 



Similar Part No. - LTV-815

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-815 LITEON-LTV-815 Datasheet
359Kb / 12P
   LED
LTV-815M LITEON-LTV-815M Datasheet
359Kb / 12P
   LED
LTV-815S LITEON-LTV-815S Datasheet
359Kb / 12P
   LED
More results

Similar Description - LTV-815

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com