Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-352T Datasheet (PDF) - Shenzhen Tenand Technology Co., Ltd.

LTV-352T Datasheet PDF - Shenzhen Tenand Technology Co., Ltd.
Part # LTV-352T
Download  LTV-352T Download

File Size   261.57 Kbytes
Page   10 Pages
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.
Description Property of LITE-ON Only

LTV-352T Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-352T Datasheet PDF - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-352T
Download  LTV-352T Click to download

File Size   261.57 Kbytes
Page   10 Pages
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.
Description Property of LITE-ON Only

LTV-352T Datasheet (HTML) - Shenzhen Tenand Technology Co., Ltd.

LTV-352T Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-352T Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-352T Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-352T Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-352T Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-352T Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-352T Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-352T Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-352T Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-352T Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd.

LTV-352T Product details

FEATURES

* High current transfer ratio

  ( CTR : MIN. 1000% at IF = 1mA, VCE = 2V )

* High input-output isolation voltage

  ( Viso = 3,750Vrms )

* High collector-emitter voltage

  ( VCEO = 300V )

* Mini-flat package : 2.0mm profile : LTV-352T

* Safety approval

  UL, CSA, FIMKO NEMKO, DEMKO, SEMKO, VDE* approved

  (*Requires “V” ordering option)

* RoHS compliance



APPLICATIONS

* Hybrid substrates that require high density mounting.

* Telephone sets

* Copiers, facsimiles

* Interfaces with various power supply circuits, power distribution boards.



 




Similar Part No. - LTV-352T

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-352T LITEON-LTV-352T Datasheet
151Kb / 8P
   High current transfer ratio, High input-output isolation voltage
LTV-352T-TP LITEON-LTV-352T-TP Datasheet
231Kb / 10P
   Property of Lite-On Only
LTV-352T-V LITEON-LTV-352T-V Datasheet
194Kb / 11P
   Property of Lite-On Only
More results


Similar Description - LTV-352T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com