Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP86561 Datasheet (PDF) - Sony Corporation

CXP86561 Datasheet PDF - Sony Corporation
Part # CXP86561
Download  CXP86561 Download

File Size   276.74 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP86561 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP86561 Datasheet PDF - Sony Corporation

Part # CXP86561
Download  CXP86561 Click to download

File Size   276.74 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP86561 Datasheet (HTML) - Sony Corporation

Back Button CXP86561 Datasheet HTML 1Page - Sony Corporation CXP86561 Datasheet HTML 2Page - Sony Corporation CXP86561 Datasheet HTML 3Page - Sony Corporation CXP86561 Datasheet HTML 4Page - Sony Corporation CXP86561 Datasheet HTML 5Page - Sony Corporation CXP86561 Datasheet HTML 6Page - Sony Corporation CXP86561 Datasheet HTML 7Page - Sony Corporation CXP86561 Datasheet HTML 8Page - Sony Corporation CXP86561 Datasheet HTML 9Page - Sony Corporation CXP86561 Datasheet HTML 10Page - Sony Corporation Next Button 

CXP86561 Product details

Description
The CXP86541/86549/86561 are the CMOS 8-bit microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time-base timer, on-screen display function, I2C bus interface, PWM output, remote control reception circuit, HSYNC counter, watchdog timer, 32kHz timer/counter besides the basic configurations of 8-bit CPU, ROM, RAM, I/O ports.
The CXP86541/86549/86561 also provide a sleep function that enables to lower the power consumption.

Features
• A wide instruction set (213 instructions) which covers various types of data
    – 16-bit operation/multiplication and division/ Boolean bit operation instructions
• Minimum instruction cycle 250ns at 16MHz operation (4.5 to 5.5V)
    122µs at 32kHz operation (2.7 to 5.5V)
• Incorporated ROM 40K bytes (CXP86541)
    48K bytes (CXP86549)
    60K bytes (CXP86561)
• Incorporated RAM 1536 bytes (Excludes VRAM for on-screen display and sprite RAM)
• Peripheral functions
    – A/D converter 8-bit 6-channel successive approximation method (Conversion time of 3.25µs at 16 MHz)
    – Serial interface 8-bit clock sync type, 1 channel
    – Timer 8-bit timer 8-bit timer/counter 19-bit time-base timer 32kHz timer/counter
    – On-screen display (OSD) function 12 × 16 dots, 512 character types, 15 character colors, 2 lines × 24 characters, frame background 8 colors/ half blanking, background on full screen 15 colors/ half blanking edging/shadowing/ rounding for every line, background with shadow for every character, double scanning, sprite OSD, 12 × 16 dots, 1 screen, 8 colors for every dot
    – I2C bus interface
    – PWM output 8 bits, 6 channels 14 bits, 1 channel
    – Remote control reception circuit 8-bit pulse measurement counter, 6-stage FIFO – HSYNC counter 2 channels
    – Watchdog timer
• Interruption 13 factors, 13 vectors, multi-interruption possible
• Standby mode Sleep
• Package 52-pin plastic SDIP
• Piggyback/evaluator CXP86490 64-pin ceramic PSDIP (Supports custom font)




Similar Part No. - CXP86561

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP86560 SONY-CXP86560 Datasheet
354Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP86561

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com