Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14572 Datasheet (PDF) - Maxim Integrated Products

MAX14572 Datasheet PDF - Maxim Integrated Products
Part # MAX14572
Download  MAX14572 Download

File Size   1574.03 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adjustable Overvoltage and Overcurrent Protectors with High Accuracy

MAX14572 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14572 Datasheet PDF - Maxim Integrated Products

Part # MAX14572
Download  MAX14572 Click to download

File Size   1574.03 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adjustable Overvoltage and Overcurrent Protectors with High Accuracy

MAX14572 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX14572 Datasheet HTML 1Page - Maxim Integrated Products MAX14572 Datasheet HTML 2Page - Maxim Integrated Products MAX14572 Datasheet HTML 3Page - Maxim Integrated Products MAX14572 Datasheet HTML 4Page - Maxim Integrated Products MAX14572 Datasheet HTML 5Page - Maxim Integrated Products MAX14572 Datasheet HTML 6Page - Maxim Integrated Products MAX14572 Datasheet HTML 7Page - Maxim Integrated Products MAX14572 Datasheet HTML 8Page - Maxim Integrated Products MAX14572 Datasheet HTML 9Page - Maxim Integrated Products MAX14572 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX14572 Product details

General Description

The MAX14571/MAX14572/MAX14573 adjustable over voltage- and overcurrent-protection devices are ideal to protect systems against positive and negative input voltage faults up to Q40V and feature low 100mI (typ) RON FETs.

The overvoltage-protector (OVP) feature protects voltages between 6V and 36V, while the undervoltage-protector (UVP) feature protects voltages between 4.5V and 24V. The overvoltage-lockout (OVLO) and undervoltage-lockout (UVLO) thresholds are set using optional external resistors. The factory-preset internal OVLO threshold is 33V (typ) and the preset internal UVLO threshold is 19.2V (typ).



Features

Wide 4.5V to 36V Operating Input Range

Adjustable OVLO and UVLO Thresholds

 ±3% Accurate Preset Thresholds

 Automatic Internal and External Selection

Programmable Forward Current Limit

 Adjustable Current Limit Up to 4.2A

 ±15% Accuracy Limit

100mω (typ) On-Resistance FET

Dual-Enable Inputs

 High-Voltage-Capable Input, HVEN

 Microprocessor Input, EN

Reverse Current Flow Control Input, RIEN

Thermal-Shutdown Protection



Applications

Industrial Equipment

Consumer Electronics

Marine Equipment

Battery-Powered Applications




Similar Part No. - MAX14572

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14572 MAXIM-MAX14572 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14572 MAXIM-MAX14572 Datasheet
605Kb / 11P
   6V to 36V Operating Voltage Range
Rev 0; 8/13
MAX14572EUD+T MAXIM-MAX14572EUD+T Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14572EUD+T MAXIM-MAX14572EUD+T Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
More results


Similar Description - MAX14572

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
   Adjustable Overvoltage Protector with High Accuracy
2008
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
   Adjustable Overvoltage Protector with High Accuracy
logo
Anpec Electronics Corop...
APL3227E ANPEC-APL3227E Datasheet
683Kb / 16P
   High-Current Overvoltage Protectors with Adjustable OVLO
logo
Maxim Integrated Produc...
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
   High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com