Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APU3137 Datasheet (PDF) - Advanced Power Electronics Corp.

APU3137 Datasheet PDF - Advanced Power Electronics Corp.
Part # APU3137
Download  APU3137 Download

File Size   184.34 Kbytes
Page   17 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description 8-PIN SYNCHRONOUS PWM CONTROLLER

APU3137 Datasheet (PDF)

Go To PDF Page Download Datasheet
APU3137 Datasheet PDF - Advanced Power Electronics Corp.

Part # APU3137
Download  APU3137 Click to download

File Size   184.34 Kbytes
Page   17 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description 8-PIN SYNCHRONOUS PWM CONTROLLER

APU3137 Datasheet (HTML) - Advanced Power Electronics Corp.

Back Button APU3137 Datasheet HTML 1Page - Advanced Power Electronics Corp. APU3137 Datasheet HTML 2Page - Advanced Power Electronics Corp. APU3137 Datasheet HTML 3Page - Advanced Power Electronics Corp. APU3137 Datasheet HTML 4Page - Advanced Power Electronics Corp. APU3137 Datasheet HTML 5Page - Advanced Power Electronics Corp. APU3137 Datasheet HTML 6Page - Advanced Power Electronics Corp. APU3137 Datasheet HTML 7Page - Advanced Power Electronics Corp. APU3137 Datasheet HTML 8Page - Advanced Power Electronics Corp. APU3137 Datasheet HTML 9Page - Advanced Power Electronics Corp. APU3137 Datasheet HTML 10Page - Advanced Power Electronics Corp. Next Button 

APU3137 Product details

DESCRIPTION
The APU3137 controller IC is designed to provide a low cost and high performance synchronous Buck regulator for on-board DC to DC converter applications. The output voltage can be set as low as 0.8V and higher voltage can be obtained with an external voltage divider. High peak current gate drivers provide fast switching transition for applications requiring high output current in the range of 15A to 20A.
   
FEATURES
■ 1A Peak Output Drive Capability
■ 0.8V Reference Voltage
■ Shuts off both drivers at shorted output
    and shutdown
■ Operating with single 5V or 12V supply voltage
■ Stable with ceramic capacitors
■ Internal 200KHz Oscillator
■ Soft-Start Function
■ Protects the output when control FET is shorted
■ Synchronous Controller in 8-Pin Package
■ RoHS Complaint
   
APPLICATIONS
■ DDR Memory Application
■ Low voltage distributed DC-DC
■ Graphic Cards
■ Low cost on-board DC to DC such as 5V to 2.5V,
    1.8V or 0.8V
   



Similar Part No. - APU3137

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
More results

Similar Description - APU3137

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7037 ANPEC-APW7037 Datasheet
123Kb / 11P
   8-PIN Synchronous Buck PWM Controller
logo
International Rectifier
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
   20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
   8 PIN PWM SWITCHER CONTROLLER IC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com