Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1143B-4 Datasheet (PDF) - RF Monolithics, Inc

SF1143B-4 Datasheet PDF - RF Monolithics, Inc
Part # SF1143B-4
Download  SF1143B-4 Download

File Size   107.48 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 315.00 MHz SAW Filter

SF1143B-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1143B-4 Datasheet PDF - RF Monolithics, Inc

Part # SF1143B-4
Download  SF1143B-4 Click to download

File Size   107.48 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 315.00 MHz SAW Filter

SF1143B-4 Datasheet (HTML) - RF Monolithics, Inc

SF1143B-4 Datasheet HTML 1Page - RF Monolithics, Inc SF1143B-4 Datasheet HTML 2Page - RF Monolithics, Inc SF1143B-4 Datasheet HTML 3Page - RF Monolithics, Inc

SF1143B-4 Product details

315.00 MHz SAW Filter

• Designed for SDARS IF Receiver
• Low Insertion Loss
• 5.0 X 7.0 mm Surface-Mount Case
• Differential Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1143B-4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1143B-4 MURATA-SF1143B-4 Datasheet
107Kb / 3P
   315 MHz SAW Filter
More results


Similar Description - SF1143B-4

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF315B VANLONG-SF315B Datasheet
148Kb / 2P
   315.00 MHz SAW Filter
SF315 VANLONG-SF315 Datasheet
150Kb / 2P
   315.00 MHz SAW Filter
SF5401 VANLONG-SF5401 Datasheet
122Kb / 2P
   315.00 MHz SAW Filter
logo
RF Monolithics, Inc
RF3417E RFM-RF3417E Datasheet
326Kb / 4P
   315.00 MHz SAW Filter
SF1143B-2 RFM-SF1143B-2 Datasheet
103Kb / 3P
   315.00 MHz SAW Filter
SF1142B RFM-SF1142B Datasheet
408Kb / 6P
   315.00 MHz SAW Filter
SF1143B RFM-SF1143B Datasheet
459Kb / 6P
   315.00 MHz SAW Filter
logo
EPCOS
B3731 EPCOS-B3731 Datasheet
95Kb / 10P
   SAW Components SAW filter 315.00 MHz
logo
Murata Manufacturing Co...
RO3073A-11 MURATA-RO3073A-11 Datasheet
393Kb / 2P
   315.00 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0182B TAI-SAW-TC0182B Datasheet
390Kb / 5P
   SAW Resonator 315.00 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com