Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5V8257BM Datasheet (PDF) - Sony Corporation

CXK5V8257BM Datasheet PDF - Sony Corporation
Part No. CXK5V8257BM
Download  CXK5V8257BM Click to view

File Size   204.47 Kbytes
Page   9 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 32768-word X 8-bit High Speed CMOS Static RAM

CXK5V8257BM Datasheet (PDF)

Go To PDF Page Download Datasheet
CXK5V8257BM Datasheet PDF - Sony Corporation

Part No. CXK5V8257BM
Download  CXK5V8257BM Click to view

File Size   204.47 Kbytes
Page   9 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 32768-word X 8-bit High Speed CMOS Static RAM

CXK5V8257BM Datasheet (HTML) - Sony Corporation

CXK5V8257BM Datasheet HTML 1Page - Sony Corporation CXK5V8257BM Datasheet HTML 2Page - Sony Corporation CXK5V8257BM Datasheet HTML 3Page - Sony Corporation CXK5V8257BM Datasheet HTML 4Page - Sony Corporation CXK5V8257BM Datasheet HTML 5Page - Sony Corporation CXK5V8257BM Datasheet HTML 6Page - Sony Corporation CXK5V8257BM Datasheet HTML 7Page - Sony Corporation CXK5V8257BM Datasheet HTML 8Page - Sony Corporation CXK5V8257BM Datasheet HTML 9Page - Sony Corporation

CXK5V8257BM Product details

Description
The CXK5V8257BTM/BYM/BM is 262,144 bits high speed CMOS static RAM organized as 32768-words by 8 bits.
A polysilicon TFT cell technology realized extermely low stand-by current and higher data retention stability.
Operating on a single 3.3V supply, directly LVTTL compatible (All inputs and outputs).
And special feature are, low power consumption, high speed and broad package line-up.
The CXK5V8257BTM/BYM/BM is a suitable RAM for portable equipment with battery back up.

Features
• Single +3.3V supply: 3.3V ±0.3V
• Directly LVTTL compatible: All inputs and outputs
• Fast access time:          (Access time)
    CXK5V8257BTM/BYM/BM
                                 -70LL 70ns (Max.)
                               -10LL 100ns (Max.)
• Low standby current:
    CXK5V8257BTM/BYM/BM
                      -70LL/10LL 3.5µA (Max.)
• Low power data retention: 2.0V (Min.)
• Available in many packages
    CXK5V8257BTM/BYM 8mm × 13.4mm 28 pin TSOP Package
    CXK5V8257BM 450mil 28 pin SOP Package

Function
    32768-word × 8 bit static RAM



Similar Part No. - CXK5V8257BM

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-10LLX SONY-CXK5V81000ATM-10LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-85LLX SONY-CXK5V81000ATM-85LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM-10LLX SONY-CXK5V8512TM-10LLX Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5V8257BM

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5T8257BTM SONY-CXK5T8257BTM Datasheet
209Kb / 10P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK58257AP SONY-CXK58257AP Datasheet
291Kb / 10P
   32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz