Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5V8512TM- Datasheet (PDF) - Sony Corporation

CXK5V8512TM- Datasheet PDF - Sony Corporation
Part No. CXK5V8512TM-
Download  CXK5V8512TM- Click to view

File Size   154.25 Kbytes
Page   10 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 65536-word X 8-bit High Speed CMOS Static RAM

CXK5V8512TM- Datasheet (PDF)

Go To PDF Page Download Datasheet
CXK5V8512TM- Datasheet PDF - Sony Corporation

Part No. CXK5V8512TM-
Download  CXK5V8512TM- Click to view

File Size   154.25 Kbytes
Page   10 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 65536-word X 8-bit High Speed CMOS Static RAM

CXK5V8512TM- Datasheet (HTML) - Sony Corporation

CXK5V8512TM- Datasheet HTML 1Page - Sony Corporation CXK5V8512TM- Datasheet HTML 2Page - Sony Corporation CXK5V8512TM- Datasheet HTML 3Page - Sony Corporation CXK5V8512TM- Datasheet HTML 4Page - Sony Corporation CXK5V8512TM- Datasheet HTML 5Page - Sony Corporation CXK5V8512TM- Datasheet HTML 6Page - Sony Corporation CXK5V8512TM- Datasheet HTML 7Page - Sony Corporation CXK5V8512TM- Datasheet HTML 8Page - Sony Corporation CXK5V8512TM- Datasheet HTML 9Page - Sony Corporation CXK5V8512TM- Datasheet HTML 10Page - Sony Corporation

CXK5V8512TM- Product details

Description
The CXK5V8512TM is a high speed CMOS static RAM organized as 65536-words by 8-bits.
A polysilicon TFT cell technology realized extremely low stand-by current and higher data retention stability.
Operating on a single 3.3V supply, and special feature are low power consumption, high speed.
The CXK5V8512TM is a suitable RAM for portable equipment with battery back up.

Features
• Extended operating temperature range: –25 to +85°C
• Fast access time:
                       (Access time)
             -85LLX 85ns (Max.)
           -10LLX 100ns (Max.)
• Low standby current: 14µA (Max.)
• Low data retention current: 12µA (Max.)
• Single 3.3V supply: 3.3V ± 0.3V
• Low voltage data retention: 2.0V (Min.)
• Package
    8mm × 20mm 32 pin TSOP package

Function
    65536-word × 8-bit static RAM



Similar Part No. - CXK5V8512TM-

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-10LLX SONY-CXK5V81000ATM-10LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-85LLX SONY-CXK5V81000ATM-85LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BM SONY-CXK5V8257BM Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BM-10LL SONY-CXK5V8257BM-10LL Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5V8512TM-

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
Sony Corporation
Sony Corporation
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
   65536-word X 16-bit High Speed CMOS Static RAM
CXK5T16100TM- SONY-CXK5T16100TM- Datasheet
138Kb / 10P
   65536-word x 16-bit High Speed CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
Sony Corporation
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz