Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5T81000ATM Datasheet (PDF) - Sony Corporation

CXK5T81000ATM Datasheet PDF - Sony Corporation
Part No. CXK5T81000ATM
Download  CXK5T81000ATM Click to view

File Size   262.5 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 131072-word x 8-bit High Speed CMOS Static RAM

CXK5T81000ATM Datasheet (PDF)

Go To PDF Page Download Datasheet
CXK5T81000ATM Datasheet PDF - Sony Corporation

Part No. CXK5T81000ATM
Download  CXK5T81000ATM Click to view

File Size   262.5 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 131072-word x 8-bit High Speed CMOS Static RAM

CXK5T81000ATM Datasheet (HTML) - Sony Corporation

Back Button CXK5T81000ATM Datasheet HTML 1Page - Sony Corporation CXK5T81000ATM Datasheet HTML 2Page - Sony Corporation CXK5T81000ATM Datasheet HTML 3Page - Sony Corporation CXK5T81000ATM Datasheet HTML 4Page - Sony Corporation CXK5T81000ATM Datasheet HTML 5Page - Sony Corporation CXK5T81000ATM Datasheet HTML 6Page - Sony Corporation CXK5T81000ATM Datasheet HTML 7Page - Sony Corporation CXK5T81000ATM Datasheet HTML 8Page - Sony Corporation CXK5T81000ATM Datasheet HTML 9Page - Sony Corporation CXK5T81000ATM Datasheet HTML 10Page - Sony Corporation Next Button 

CXK5T81000ATM Product details

Description
The CXK5T81000ATM/AYM/AM is a high speed CMOS static RAM organized as 131072-words by 8-bits.
Special feature are low power consumption and high speed.
The CXK5T81000ATM/AYM/AM is a suitable RAM for portable equipment with battery back up.

Features
• Extended operating temperature range: –25 to +85°C
• Wide supply voltage range operation: 2.7 to 3.6V
• Fast access time:
                                         (Access time)
    3.0V operation -10LLX 100ns (Max.)
                             -12LLX 120ns (Max.)
    3.3V operation -10LLX 85ns (Max.)
                             -12LLX 100ns (Max.)
• Low standby current: 28µA (Max.)
• Low data retention current: 24µA (Max.)
• Low voltage data retention: 2.0V (Min.)
• Package line-up
    CXK5T81000ATM/AYM
        8mm × 20mm 32 pin TSOP package
    CXK5T81000AM
                      525mil 32 pin SOP package

Function
    131072-word × 8-bit static RAM



Similar Part No. - CXK5T81000ATM

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000ATN-10LLX SONY-CXK5T81000ATN-10LLX Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000ATN-12LLX SONY-CXK5T81000ATN-12LLX Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5T81000ATM

ManufacturerPart No.DatasheetDescription
Hitachi Semiconductor
Hitachi Semiconductor
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
Sony Corporation
Sony Corporation
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
Hitachi Semiconductor
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
Sony Corporation
Sony Corporation
CXK581000ATM SONY-CXK581000ATM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
CXK581000P SONY-CXK581000P Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
Toshiba Semiconductor
Toshiba Semiconductor
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
   131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz