Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5T16100TM- Datasheet (PDF) - Sony Corporation

CXK5T16100TM- Datasheet PDF - Sony Corporation
Part No. CXK5T16100TM-
Download  CXK5T16100TM- Click to view

File Size   138.62 Kbytes
Page   10 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 65536-word x 16-bit High Speed CMOS Static RAM

CXK5T16100TM- Datasheet (PDF)

Go To PDF Page Download Datasheet
CXK5T16100TM- Datasheet PDF - Sony Corporation

Part No. CXK5T16100TM-
Download  CXK5T16100TM- Click to view

File Size   138.62 Kbytes
Page   10 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 65536-word x 16-bit High Speed CMOS Static RAM

CXK5T16100TM- Datasheet (HTML) - Sony Corporation

CXK5T16100TM- Datasheet HTML 1Page - Sony Corporation CXK5T16100TM- Datasheet HTML 2Page - Sony Corporation CXK5T16100TM- Datasheet HTML 3Page - Sony Corporation CXK5T16100TM- Datasheet HTML 4Page - Sony Corporation CXK5T16100TM- Datasheet HTML 5Page - Sony Corporation CXK5T16100TM- Datasheet HTML 6Page - Sony Corporation CXK5T16100TM- Datasheet HTML 7Page - Sony Corporation CXK5T16100TM- Datasheet HTML 8Page - Sony Corporation CXK5T16100TM- Datasheet HTML 9Page - Sony Corporation CXK5T16100TM- Datasheet HTML 10Page - Sony Corporation

CXK5T16100TM- Product details

Description

The CXK5T16100TM is a general purpose high speed CMOS static RAM organized as 65536-words by 16-bits.

Special feature are low power consumption and high speed. The CXK5T16100TM is a suitable RAM for portable equipment with battery back up.



Features

• Extended operating temperature range: –25 to +85°C

• Wide supply voltage range operation: 2.7 to 3.6V

• Fast access time: (Access time)

   3.0V operation 120ns (max.)

   3.3V operation 100ns (max.)

• Low power consumption operation:

         Standby / DC operation

      1.6µW (typ.) / 3.3mW (typ.)

   100µW (max.) / 11mW (max.)

• Fully static memory ··· No clock or timing strobe required

• Equal access and cycle time

• Common data input and output: three state output

• Directly LVTTL compatible: All inputs and outputs

• Low voltage data retention: 2.0V (min.)

• 400mil 44pin TSOP (type II) package



 



Similar Part No. - CXK5T16100TM-

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5T81000AM SONY-CXK5T81000AM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AM-10LLX SONY-CXK5T81000AM-10LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AM-12LLX SONY-CXK5T81000AM-12LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATM-10LLX SONY-CXK5T81000ATM-10LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5T16100TM-

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
   65536-word X 16-bit High Speed CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
Sony Corporation
Sony Corporation
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz