Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXK5B16120J Datasheet (PDF) - Sony Corporation

CXK5B16120J Datasheet PDF - Sony Corporation
Part No. CXK5B16120J
Download  CXK5B16120J Click to view

File Size   236.12 Kbytes
Page   10 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 65536-word X 16-bit High Speed Bi-CMOS Static RAM

CXK5B16120J Datasheet (PDF)

Go To PDF Page Download Datasheet
CXK5B16120J Datasheet PDF - Sony Corporation

Part No. CXK5B16120J
Download  CXK5B16120J Click to view

File Size   236.12 Kbytes
Page   10 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 65536-word X 16-bit High Speed Bi-CMOS Static RAM

CXK5B16120J Datasheet (HTML) - Sony Corporation

CXK5B16120J Datasheet HTML 1Page - Sony Corporation CXK5B16120J Datasheet HTML 2Page - Sony Corporation CXK5B16120J Datasheet HTML 3Page - Sony Corporation CXK5B16120J Datasheet HTML 4Page - Sony Corporation CXK5B16120J Datasheet HTML 5Page - Sony Corporation CXK5B16120J Datasheet HTML 6Page - Sony Corporation CXK5B16120J Datasheet HTML 7Page - Sony Corporation CXK5B16120J Datasheet HTML 8Page - Sony Corporation CXK5B16120J Datasheet HTML 9Page - Sony Corporation CXK5B16120J Datasheet HTML 10Page - Sony Corporation

CXK5B16120J Product details

Description
CXK5B16120J/TM is a high speed 1M bit BiCMOS static RAM organized as 65536 words by 16 bits. Operating on a single 3.3V supply this asynchronous IC is suitable for use in high speed and low power applications.

Features
• Single 3.3V Supply 3.3V±0.3V
• Fast access time 12ns (Max.)
• Low stand-by current: 10mA (Max.)
• Low power operation 972mW (Max.)
• Package line-up
    Dual Vcc/Vss
    CXK5B16120J 400mil 44pin SOJ Package
    CXK5B16120TM 400mil 44pin TSOP Package

Function
    65536-word × 16-bit static RAM



Similar Part No. - CXK5B16120J

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM-12 SONY-CXK5B18120TM-12 Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
More results

Similar Description - CXK5B16120J

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
   65536-word X 16-bit High Speed CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5T16100TM- SONY-CXK5T16100TM- Datasheet
138Kb / 10P
   65536-word x 16-bit High Speed CMOS Static RAM
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz