Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42556 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE42556 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE42556
Download  PE42556 Download

File Size   281.42 Kbytes
Page   10 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS RF Switch

PE42556 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42556 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE42556
Download  PE42556 Click to download

File Size   281.42 Kbytes
Page   10 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS RF Switch

PE42556 Datasheet (HTML) - Peregrine Semiconductor Corp.

PE42556 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 10Page - Peregrine Semiconductor Corp.

PE42556 Product details

Product Description
The PE42556 RF switch is designed for use in Test/ATE, cellular and other wireless applications. This broadband general purpose switch maintains excellent RF performance and linearity from 9 kHz through 13500 MHz. The PE42556 integrates on-board CMOS control logic driven by a single-pin, low voltage CMOS control input. It also has a logic select pin which enables changing the logic definition of the control pin. Additional features include a novel user defined logic table, enabled by the on-board CMOS circuitry. The PE42556 also exhibits excellent isolation of 26 dB at 13500 MHz, fast settling time, and is offered in a tiny Flip Chip package.

Features
• HaRP™ technology enhanced
    • Eliminates gate lag
    • No insertion loss or phase drift
    • Fast settling time
• Next Gen 0.25 μm process technology
• Single-pin 3.3V CMOS logic control
• High isolation: 26 dB@ 13.5 GHz
• Low insertion loss: 1.7 dB @ 13.5 GHz
• P1dB: 33 dBm typical
• Return loss: 13 dB @ 13.5 GHz (typ)
• IIP3: +56 dBm typical
• High ESD: 4kV HBM
• Absorptive switch design
• Flip Chip packaging




Similar Part No. - PE42556

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42556 PSEMI-PE42556 Datasheet
308Kb / 10P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE42556 PEREGRINE-PE42556 Datasheet
308Kb / 10P
   UltraCMOS
logo
Peregrine Semiconductor
PE42556DI-Z PSEMI-PE42556DI-Z Datasheet
331Kb / 9P
   Product Brief PE42556 Flip Chip
logo
Peregrine Semiconductor...
PE42556 PEREGRINE-PE42556_15 Datasheet
308Kb / 10P
   SPDT RF Switch
More results


Similar Description - PE42556

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com