Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42540LGBC-Z Datasheet (PDF) - Peregrine Semiconductor Corp.

PE42540LGBC-Z Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE42540LGBC-Z
Download  PE42540LGBC-Z Download

File Size   548.54 Kbytes
Page   12 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description UltraCMOS SP4T RF Switch

PE42540LGBC-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42540LGBC-Z Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE42540LGBC-Z
Download  PE42540LGBC-Z Click to download

File Size   548.54 Kbytes
Page   12 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description UltraCMOS SP4T RF Switch

PE42540LGBC-Z Datasheet (HTML) - Peregrine Semiconductor Corp.

Back Button PE42540LGBC-Z Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42540LGBC-Z Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42540LGBC-Z Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42540LGBC-Z Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42540LGBC-Z Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42540LGBC-Z Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42540LGBC-Z Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42540LGBC-Z Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42540LGBC-Z Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE42540LGBC-Z Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button 

PE42540LGBC-Z Product details

Product Description

The PE42540 is a HaRP™ technology-enhanced absorptive SP4T RF switch developed on UltraCMOS® process technology. This switch is designed specifically to support the requirements of the test equipment and ATE market. It is comprised of four symmetric RF ports and has very high isolation. An on-chip CMOS decode logic facilitates a two-pin low voltage CMOS control interface and an optional external Vss feature. High ESD tolerance and no blocking capacitor requirements make this the ultimate in integration and ruggedness.



Features

• HaRP™ technology enhanced

   • Fast settling time

   • Eliminates gate and phase lag

   • No drift in insertion loss and phase

• High linearity: 58 dBm IIP3

• Low insertion loss: 0.8 dB @ 3 GHz, 1.0 dB @ 6 GHz and 1.2 dB @ 8 GHz

• High isolation: 45 dB @ 3 GHz, 39 dB @ 6 GHz and 31 dB @ 8 GHz

• Maximum power handling: 30 dBm @ 8 GHz

• High ESD tolerance of 2kV HBM on RFC and 1kV HBM on all other pins



 




Similar Part No. - PE42540LGBC-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42540LGBD-Z PSEMI-PE42540LGBD-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SP4T RF Switch 10 Hz?? GHz
More results


Similar Description - PE42540LGBC-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
   UltraCMOS SP4T RF Switch
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
   SP4T UltraCMOS RF Switch DC - 3.0 GHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42545 PSEMI-PE42545 Datasheet
315Kb / 16P
   UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
   UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com