Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4250 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4250 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4250
Download  PE4250 Download

File Size   226.12 Kbytes
Page   9 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS RF Switch

PE4250 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4250 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4250
Download  PE4250 Click to download

File Size   226.12 Kbytes
Page   9 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS RF Switch

PE4250 Datasheet (HTML) - Peregrine Semiconductor Corp.

PE4250 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4250 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4250 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4250 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4250 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4250 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4250 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4250 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4250 Datasheet HTML 9Page - Peregrine Semiconductor Corp.

PE4250 Product details

Product Description
The PE4250 is a HaRP™-enhanced Reflective SPDT (single pole double throw) RF Switch for use in general switching applications and mobile infrastructure. This device offers a flexible supply voltage of 3.3/5V, single-pin or complementary pin control inputs, and 4000 V ESD tolerance. It presents a simple alternative solution to pin diode and mechanical relay switches.

Features
• HaRP-Technology Enhanced
• Low Insertion Loss: 0.65 dB @ 1000 MHz
• High Isolation: 51 dB @ 1000 MHz
• P1dB typical: +30.5 dBm
• IIP3 typical: +59 dBm
• Fast switching time: 150 ns
• Flexible supply voltage: 3.3 V ±10% or 5.0 V ±10% supply (see table 3)
• Excellent ESD protection: 4000 V HBM
• No blocking capacitors required
• Single pin or complementary control inputs




Similar Part No. - PE4250

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4250 PASTERNACK-PE4250 Datasheet
306Kb / 2P
   SMB Plug Connector Clamp/Solder Attachment For RG178, RG196
logo
Peregrine Semiconductor
PE4250 PSEMI-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS
logo
Pasternack Enterprises,...
PE4250 PASTERNACK-PE4250 Datasheet
398Kb / 3P
   SMB Plug Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor
PE4250MLI PSEMI-PE4250MLI Datasheet
808Kb / 9P
   Reflective SPDT RF Switch
More results


Similar Description - PE4250

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com