Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALE3275T2 Datasheet (PDF) - Advanced Semiconductor Business Inc.

ALE3275T2 Datasheet PDF - Advanced Semiconductor Business Inc.
Part # ALE3275T2
Download  ALE3275T2 Download

File Size   423.08 Kbytes
Page   3 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description Internally Matched LNA Module

ALE3275T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALE3275T2 Datasheet PDF - Advanced Semiconductor Business Inc.

Part # ALE3275T2
Download  ALE3275T2 Click to download

File Size   423.08 Kbytes
Page   3 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description Internally Matched LNA Module

ALE3275T2 Datasheet (HTML) - Advanced Semiconductor Business Inc.

ALE3275T2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALE3275T2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALE3275T2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc.

ALE3275T2 Product details

Description
The plerowTM ALE-series is the compactly designed surface-mount module for the use of the LNA with or without the following gain blocks in the infrastructure equipment of the mobile wireless (CDMA, GSM, PCS, PHS, WCDMA, DMB, WLAN, WiBro, WiMAX), GPS, satellite communication terminals, CATV and so on. It has an exceptional performance of low noise figure, high gain, high OIP3, and low bias current. The stability factor is always kept more than unity over the application band in order to ensure its unconditionally stable implementation to the application system environment. The surface-mount module package including the completed matching circuit and other components necessary just in case allows very simple and convenient implementation onto the system board in mass production level.

Features
• S21 = 19.4 dB@3150 MHz = 18.6 dB@3400 MHz
• NF of 1.05 dB over Frequency
• Unconditionally Stable
• Single 5 V Supply
• High OIP3@Low Current




Similar Part No. - ALE3275T2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE3275T2 ASB-ALE3275T2 Datasheet
211Kb / 3P
   Internally Matched LNA Module
September 2017
ALE3275T2 ASB-ALE3275T2_13 Datasheet
491Kb / 3P
   Internally Matched LNA Module
April 2010
ALE3275T2 ASB-ALE3275T2_17 Datasheet
211Kb / 3P
   Internally Matched LNA Module
September 2017
More results


Similar Description - ALE3275T2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
   Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
   Internally Matched LNA Module
April 2010
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
   Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
   Internally Matched LNA Module
June 2009
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
   Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
   Internally Matched LNA Module
January 2009
ALN2045 ASB-ALN2045_13 Datasheet
750Kb / 4P
   Internally Matched LNA Module
September 2007
ALN2047 ASB-ALN2047_13 Datasheet
620Kb / 3P
   Internally Matched LNA Module
November 2008
ALN2332 ASB-ALN2332_13 Datasheet
727Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1880AT ASB-ALN1880AT_13 Datasheet
474Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1945T2 ASB-ALN1945T2_13 Datasheet
618Kb / 3P
   Internally Matched LNA Module
December 2007
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com