Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2720Q-2 Datasheet (PDF) - Sony Corporation

CXD2720Q-2 Datasheet PDF - Sony Corporation
Part # CXD2720Q-2
Download  CXD2720Q-2 Download
File Size   531.71 Kbytes
Page   47 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Single-Chip Dolby Pro Logic Surround Decoder

CXD2720Q-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD2720Q-2 Datasheet PDF - Sony Corporation

Part # CXD2720Q-2
Download  CXD2720Q-2 Click to download

File Size   531.71 Kbytes
Page   47 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Single-Chip Dolby Pro Logic Surround Decoder

CXD2720Q-2 Datasheet (HTML) - Sony Corporation


CXD2720Q-2 Product details

Description
The CXD2720Q-2 is a digital signal processor LSI for Karaoke, suitable for use in LD/CD/CD-G/video CD and the like.
A large capacity DRAM and AD/DA converters are built in, and Karaoke functions such as key control and microphone echo are contained on a single chip.

Features
• 3-channel 1-bit AD converter and decimation filter
    S/N ratio: 88 dB
    THD + N: 0.016%
    Filter pass band ripple: less than ±0.008dB
    Filter stop band attenuation: less than –62dB (all characteristics are typical values)
• 2-channel 1-bit DA converter and oversampling filter
    S/N ratio: 98dB
    THD + N: 0.006%
    Filter pass band ripple: less than ±0.2dB
    Filter stop band attenuation: less than –41dB (all characteristics are typical values)
• In addition to analog input/output, 2-channel input/2-channel output of digital input/output are provided. The interface also supports a variety of formats.
• 128K-bit DRAM for key control and microphone echo processing

Functions
• Key controller pitch setting can be varied to a maximum of ±1 octave with a precision of 14 bits
• Two key controllers are provided. For their pitches, either of common or independent setting is possible
• Key controller can be used for voice
• Microphone echo delay time can be varied to a maximum of 185ms (when fs = 44.1kHz)
• Voice parametric equalizer
• Mixing function to support sound multiplexing software
• Digital de-emphasis function
• Soft mute function

Applications
    Equipment having Karaoke function, such as LD/CD, compact music center, video games, etc.




Similar Part No. - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
Single-Chip Digital Signal Processor for Karaoke
More results


Similar Description - CXD2720Q-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com