Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD1199AQ Datasheet (PDF) - Sony Corporation

CXD1199AQ Datasheet PDF - Sony Corporation
Part # CXD1199AQ
Download  CXD1199AQ Download

File Size   349.28 Kbytes
Page   42 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD-ROM DECODER

CXD1199AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD1199AQ Datasheet PDF - Sony Corporation

Part # CXD1199AQ
Download  CXD1199AQ Click to download

File Size   349.28 Kbytes
Page   42 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD-ROM DECODER

CXD1199AQ Datasheet (HTML) - Sony Corporation

Back Button CXD1199AQ Datasheet HTML 1Page - Sony Corporation CXD1199AQ Datasheet HTML 2Page - Sony Corporation CXD1199AQ Datasheet HTML 3Page - Sony Corporation CXD1199AQ Datasheet HTML 4Page - Sony Corporation CXD1199AQ Datasheet HTML 5Page - Sony Corporation CXD1199AQ Datasheet HTML 6Page - Sony Corporation CXD1199AQ Datasheet HTML 7Page - Sony Corporation CXD1199AQ Datasheet HTML 8Page - Sony Corporation CXD1199AQ Datasheet HTML 9Page - Sony Corporation CXD1199AQ Datasheet HTML 10Page - Sony Corporation Next Button 

CXD1199AQ Product details

Description
The CXD1199AQ is a CD-ROM decoder LSI with a built-in ADPCM decoder.

Features
• Supports CD-ROM, CD-I and CD-ROM XA formats
• Real-time error correction
• Supports double speed playback
• Connectable with standard SRAM of up to 1 M-bits (128 K-byte)
• All audio output sampling frequencies : 132.3 kHz (built-in oversampling filter)
• De-emphasis digital filter
• Digital attenuator
• Intel CPU 80 series host interface
• Operates on 3.5 V

Applications
    CD-ROM drives




Similar Part No. - CXD1199AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1196 SONY-CXD1196 Datasheet
278Kb / 28P
   CD-ROM DECODER
CXD1196AR SONY-CXD1196AR Datasheet
278Kb / 28P
   CD-ROM DECODER
CXD1198AQ SONY-CXD1198AQ Datasheet
426Kb / 51P
   CD-ROM Subcode Decoder
More results


Similar Description - CXD1199AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
CXD1818R SONY-CXD1818R Datasheet
895Kb / 112P
   CD-ROM Decoder
CXD1196AR SONY-CXD1196AR Datasheet
278Kb / 28P
   CD-ROM DECODER
CXD1804CR SONY-CXD1804CR Datasheet
868Kb / 103P
   CD-ROM Decoder
CXD1198AQ SONY-CXD1198AQ Datasheet
426Kb / 51P
   CD-ROM Subcode Decoder
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com