Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3107N Datasheet (PDF) - Sony Corporation

CXA3107N Datasheet PDF - Sony Corporation
Part # CXA3107N
Download  CXA3107N Download

File Size   276.93 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description IF Amplifier for M-ary FSK Pagers

CXA3107N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3107N Datasheet PDF - Sony Corporation

Part # CXA3107N
Download  CXA3107N Click to download

File Size   276.93 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description IF Amplifier for M-ary FSK Pagers

CXA3107N Datasheet (HTML) - Sony Corporation

Back Button CXA3107N Datasheet HTML 1Page - Sony Corporation CXA3107N Datasheet HTML 2Page - Sony Corporation CXA3107N Datasheet HTML 3Page - Sony Corporation CXA3107N Datasheet HTML 4Page - Sony Corporation CXA3107N Datasheet HTML 5Page - Sony Corporation CXA3107N Datasheet HTML 6Page - Sony Corporation CXA3107N Datasheet HTML 7Page - Sony Corporation CXA3107N Datasheet HTML 8Page - Sony Corporation CXA3107N Datasheet HTML 9Page - Sony Corporation CXA3107N Datasheet HTML 10Page - Sony Corporation Next Button 

CXA3107N Product details

Description
The CXA3107N is a low current consumption FM IF amplifier which employs the newest bipolar process.  It is suitable for M-ary FSK pagers.

Features
• Low current consumption: 570 µA (typ. at VCC=1.4 V)
• Low voltage operation: VCC=1.1 to 4.0 V
• Small package 20-pin SSOP
• Needless of IF decoupling capacitor
• Reference power supply for operational amplifier and comparator
• Bit rate filter with variable cut-off
• Misoperation prevention function for continuous data
• RSSI function
• IF input, Vcc standard

Applications
• M-ary FSK pagers




Similar Part No. - CXA3107N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
   L-band Down Converter IC with On-Chip PLL
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results


Similar Description - CXA3107N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
   IF Amplifier for M-ary FSK Pagers
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com