Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2089 Datasheet (PDF) - Sony Corporation

CXA2089 Datasheet PDF - Sony Corporation
Part # CXA2089
Download  CXA2089 Download

File Size   593.58 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description S2-Compatible 5-Input 2-Output Audio/Video Switch

CXA2089 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2089 Datasheet PDF - Sony Corporation

Part # CXA2089
Download  CXA2089 Click to download

File Size   593.58 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description S2-Compatible 5-Input 2-Output Audio/Video Switch

CXA2089 Datasheet (HTML) - Sony Corporation

Back Button CXA2089 Datasheet HTML 1Page - Sony Corporation CXA2089 Datasheet HTML 2Page - Sony Corporation CXA2089 Datasheet HTML 3Page - Sony Corporation CXA2089 Datasheet HTML 4Page - Sony Corporation CXA2089 Datasheet HTML 5Page - Sony Corporation CXA2089 Datasheet HTML 6Page - Sony Corporation CXA2089 Datasheet HTML 7Page - Sony Corporation CXA2089 Datasheet HTML 8Page - Sony Corporation CXA2089 Datasheet HTML 9Page - Sony Corporation CXA2089 Datasheet HTML 10Page - Sony Corporation Next Button 

CXA2089 Product details

Description

The CXA2089Q/S is a 5-input, 2-output audio/video switch featuring I2C bus compatibility for TVs. This IC has input pins that are compatible with S2 protocol.



Features

• 3 inputs that are compatible with S2 protocol

• Serial control with I2C bus

• 5 inputs, 2 outputs

• The desired inputs can be selected independently for each of the 2 outputs

• Wide band video amplifier (20MHz, –3dB)

• Y/C MIX circuit

• Slave address can be changed (90H/92H)

• Audio muting from external pin

• High impedance maintained by I2C bus lines (SDA, SCL) even when power is OFF

• Wide audio dynamic range (3Vrms typ.)



Applications

Audio/video switch featuring I2C bus compatibility

for TVs



Structure

Bipolar silicon monolithic IC




Similar Part No. - CXA2089

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXA20 ARTESYN-CXA20 Datasheet
57Kb / 3P
   20W DC/DC Converters
logo
Emerson Network Power
CXA20 EMERSON-NETWORKPOWER-CXA20 Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48D05 ARTESYN-CXA20-48D05 Datasheet
57Kb / 3P
   20W DC/DC Converters
logo
Emerson Network Power
CXA20-48D05J EMERSON-NETWORKPOWER-CXA20-48D05J Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48D05J ARTESYN-CXA20-48D05J Datasheet
132Kb / 3P
   20 W DC-DC Converters
More results


Similar Description - CXA2089

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2079Q SONY-CXA2079Q Datasheet
387Kb / 20P
   S2-Compatible 6-Input 2-Output Audio/Video Switch
CXA2069Q SONY-CXA2069Q Datasheet
445Kb / 19P
   S2-Compatible 7-Input 3-Output Audio/Video Switch
logo
New Japan Radio
NJM2596 NJRC-NJM2596 Datasheet
65Kb / 7P
   5-INPUT 3-OUTPUT VIDEO SWITCH FOR S2
logo
Mitsumi Electronics, Co...
MM1120 MITSUMI-MM1120 Datasheet
126Kb / 5P
   2-Input 2-Output Video Switch
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com