Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6220 Datasheet (PDF) - ON Semiconductor

CAT6220 Datasheet PDF - ON Semiconductor
Part # CAT6220
Download  CAT6220 Download
File Size   464.04 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 300 mA Adjustable Voltage LDO Regulator

CAT6220 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT6220 Datasheet PDF - ON Semiconductor

Part # CAT6220
Download  CAT6220 Click to download

File Size   464.04 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 300 mA Adjustable Voltage LDO Regulator

CAT6220 Datasheet (HTML) - ON Semiconductor


CAT6220 Product details

Description
The CAT6220 is a 300 mA CMOS low dropout regulator whose output voltage is user adjustable that provides fast response time during load current and line voltage changes.
With 1 μA of shutdown current, an internal no−load operating current of only 10 μA, and full−load operating current of 40 μA, the CAT6220 is ideal for battery−operated devices with supply voltages from 2.3 V to 6.5 V. The CAT6220 offers 1% initial accuracy and low dropout voltage, 270 mV typical at 300 mA. Stable operation is provided with a small value ceramic capacitor, reducing required board space and component cost.

Features
• Guaranteed 300 mA Output Current
• Low Dropout Voltage of 270 mV at 300 mA
• Stable with Ceramic Output Capacitor
• No−load Ground Current of 10 μA Typical
• Full−load Ground Current of 40 μA Typical
• ±1.0% Output Voltage Initial Accuracy
• ±2.0% Accuracy over Temperature
• “Zero” Current Shutdown Mode
• Current Limit and Thermal Protection
• 5−lead TSOT−23 and 6−pad TDFN Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Toys
• Consumer Electronics
• Cellular Phones
• Battery−powered Devices




Similar Part No. - CAT6220

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
300mA CMOS Dual LDO Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
logo
Catalyst Semiconductor
CAT6221-JFTD-G CATALYST-CAT6221-JFTD-G Datasheet
761Kb / 11P
300mA CMOS Dual LDO Regulator
logo
ON Semiconductor
CAT6221-JFTD-GT3 ONSEMI-CAT6221-JFTD-GT3 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
logo
Catalyst Semiconductor
CAT6221-JGTD-G CATALYST-CAT6221-JGTD-G Datasheet
761Kb / 11P
300mA CMOS Dual LDO Regulator
More results


Similar Description - CAT6220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
300 mA LDO REGULATOR
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
ON Semiconductor
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com