Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD131P10 Datasheet (PDF) - Rohm

RSD131P10 Datasheet PDF - Rohm
Part # RSD131P10
Download  RSD131P10 Download

File Size   727.31 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch 100V 13A Power MOSFET

RSD131P10 Datasheet (PDF)

Go To PDF Page Download Datasheet
RSD131P10 Datasheet PDF - Rohm

Part # RSD131P10
Download  RSD131P10 Click to download

File Size   727.31 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch 100V 13A Power MOSFET

RSD131P10 Datasheet (HTML) - Rohm

Back Button RSD131P10 Datasheet HTML 1Page - Rohm RSD131P10 Datasheet HTML 2Page - Rohm RSD131P10 Datasheet HTML 3Page - Rohm RSD131P10 Datasheet HTML 4Page - Rohm RSD131P10 Datasheet HTML 5Page - Rohm RSD131P10 Datasheet HTML 6Page - Rohm RSD131P10 Datasheet HTML 7Page - Rohm RSD131P10 Datasheet HTML 8Page - Rohm RSD131P10 Datasheet HTML 9Page - Rohm RSD131P10 Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - RSD131P10

ManufacturerPart #DatasheetDescription
logo
Rohm
RSD131P10FRA ROHM-RSD131P10FRA Datasheet
2Mb / 15P
   Pch -100V -13A Power MOSFET
More results


Similar Description - RSD131P10

ManufacturerPart #DatasheetDescription
logo
Rohm
RD3P130SP ROHM-RD3P130SP Datasheet
2Mb / 16P
   Pch -100V -13A Power MOSFET
RD3P130SPFRA ROHM-RD3P130SPFRA Datasheet
2Mb / 15P
   Pch -100V -13A Power MOSFET
RSD131P10FRA ROHM-RSD131P10FRA Datasheet
2Mb / 15P
   Pch -100V -13A Power MOSFET
RS3E130AT ROHM-RS3E130AT Datasheet
2Mb / 15P
   Pch -30V -13A Power MOSFET
SH8JE5 ROHM-SH8JE5 Datasheet
2Mb / 14P
   -100V PchPch Power MOSFET
20230126 - Rev.002
RF4P025AT ROHM-RF4P025AT Datasheet
2Mb / 14P
   Pch -100V -2.5A Power MOSFET
20221229 - Rev.002
RS1P090AT ROHM-RS1P090AT Datasheet
2Mb / 13P
   Pch -100V -33A Power MOSFET
20230126 - Rev.002
SP8M51FRA ROHM-SP8M51FRA Datasheet
4Mb / 22P
   100V NchPch Power MOSFET
RQ6P020AT ROHM-RQ6P020AT Datasheet
2Mb / 14P
   Pch -100V -2A Power MOSFET
20230118 - Rev.002
RX3P12BAT ROHM-RX3P12BAT Datasheet
2Mb / 14P
   Pch -100V -120A Power MOSFET
20230203 - Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com