Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU6A Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

GBU6A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # GBU6A
Download  GBU6A Download

File Size   198.64 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Single Phase 6.0AMP.Glass Passivated Bridge Rectifiers

GBU6A Datasheet (PDF)

Go To PDF Page Download Datasheet
GBU6A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # GBU6A
Download  GBU6A Click to download

File Size   198.64 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Single Phase 6.0AMP.Glass Passivated Bridge Rectifiers

GBU6A Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

GBU6A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd GBU6A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

GBU6A Product details

Features
◇ Ideal for printed circuit board
◇ Reliable low cost construction
◇ Plastic material has Underwriters Laboratory
   Flammability Classification 94V-0
◇ High case dielectric strength of 1500VRMS
◇ Surge overload rating to 175 amperes peak
◇ High temperature soldering guaranteed:
   260°C / 10 seconds / .375”, (9.5mm) lead
   lengths at 5 lbs., (2.3kg) tension




Similar Part No. - GBU6A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU6A PANJIT-GBU6A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 100 Volts CURRENT - 6.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU6A GENESIC-GBU6A Datasheet
373Kb / 3P
   Silicon Bridge Rectifier
logo
Diotec Semiconductor
GBU6A DIOTEC-GBU6A Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
GeneSiC Semiconductor, ...
GBU6A GENESIC-GBU6A Datasheet
1Mb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Micro Commercial Compon...
GBU6A MCC-GBU6A Datasheet
182Kb / 3P
   6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Similar Description - GBU6A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GBU601 LUGUANG-GBU601 Datasheet
193Kb / 2P
   Single Phase 6.0AMP.Glass Passivated Bridge Rectifiers
logo
Mospec Semiconductor
GBJ20A MOSPEC-GBJ20A Datasheet
167Kb / 2P
   GLASS PASSIVATED BRIDGE SINGLE-PHASE BRIDGE RECTIFIERS
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Shenzhen Luguang Electr...
GBU801 LUGUANG-GBU801 Datasheet
165Kb / 2P
   Single Phase 8.0AMP.Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com