Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA18214HN Datasheet (PDF) - NXP Semiconductors

TDA18214HN Datasheet PDF - NXP Semiconductors
Part # TDA18214HN
Download  TDA18214HN Download

File Size   226.32 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Silicon tuner for digital terrestrial and cable TV reception

TDA18214HN Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA18214HN Datasheet PDF - NXP Semiconductors

Part # TDA18214HN
Download  TDA18214HN Click to download

File Size   226.32 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Silicon tuner for digital terrestrial and cable TV reception

TDA18214HN Datasheet (HTML) - NXP Semiconductors

TDA18214HN Datasheet HTML 1Page - NXP Semiconductors TDA18214HN Datasheet HTML 2Page - NXP Semiconductors TDA18214HN Datasheet HTML 3Page - NXP Semiconductors TDA18214HN Datasheet HTML 4Page - NXP Semiconductors TDA18214HN Datasheet HTML 5Page - NXP Semiconductors TDA18214HN Datasheet HTML 6Page - NXP Semiconductors TDA18214HN Datasheet HTML 7Page - NXP Semiconductors TDA18214HN Datasheet HTML 8Page - NXP Semiconductors

TDA18214HN Product details

General description

The TDA18214AHN and TDA18214HN are high performance silicon tuners designed for digital terrestrial and digital cable TV reception.

The TDA18214AHN and TDA18214HN support all digital TV standards and deliver a Low IF (LIF) signal to a demodulator.



Features and benefits

Single 3.3 V supply voltage

Worldwide multistandard digital terrestrial and digital cable capabilities

Alignment free

RoHS compliant

I

2

C-bus interface compatible with 3.3 V microcontrollers

Crystal oscillator output buffer

Slave Tuner Output (STO) for multi-tuner applications (TDA18214AHN only)

Fully integrated oscillators

2 programmable General-Purpose Outputs (GPO)

Loop-Through Output (LTO)

1.7 MHz, 6 MHz, 7 MHz, 8 MHz and 10 MHz channel bandwidths

LIF channel center frequency output ranging from 0.8 MHz to 7.5 MHz

Fully integrated IF selectivity; eliminating the need for external SAW filters

Large flexibility in the IF filtering stage to ease the matching with various demodulators circuits

Single-ended RF input, no need for external balun

Up to 1 GHz RF input capability

Excellent return loss compatible with cable requirements

Power Level Detector (PLD) embedded

Integrated gain control

Very fast tuning time

Strong immunity to LTE interferers in the digital dividend bandwidth

Strong immunity to WLAN interferers




Similar Part No. - TDA18214HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA18211HD NXP-TDA18211HD Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18211HDC2 NXP-TDA18211HDC2 Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNC1 NXP-TDA18212HNC1 Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNM NXP-TDA18212HNM Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
More results


Similar Description - TDA18214HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18273HN NXP-TDA18273HN_11 Datasheet
102Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 3-10 May 2011
TDA18273HN NXP-TDA18273HN Datasheet
84Kb / 8P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-15 December 2010
TDA18272HN NXP-TDA18272HN Datasheet
206Kb / 10P
   Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
Rev. 2-11 August 2010
logo
Fujitsu Component Limit...
SBF0406RPL FUJITSU-SBF0406RPL Datasheet
82Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0407BPL FUJITSU-SBF0407BPL Datasheet
80Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0408KPL FUJITSU-SBF0408KPL Datasheet
80Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0406FPL FUJITSU-SBF0406FPL Datasheet
79Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0406KPL FUJITSU-SBF0406KPL Datasheet
82Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0408LPL FUJITSU-SBF0408LPL Datasheet
79Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com