Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT03C68 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

BZT03C68 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # BZT03C68
Download  BZT03C68 Download

File Size   233.18 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description POWER DISSIPATION: 3.25 W

BZT03C68 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT03C68 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BZT03C68
Download  BZT03C68 Click to download

File Size   233.18 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description POWER DISSIPATION: 3.25 W

BZT03C68 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

BZT03C68 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT03C68 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT03C68 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT03C68 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd

BZT03C68 Product details

Features
◇ Hermetically sealed package
◇ Clamping time in picoseconds




Similar Part No. - BZT03C68

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C68 VISHAY-BZT03C68 Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZT03C68 NJSEMI-BZT03C68 Datasheet
268Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Galaxy Semi-Conductor H...
BZT03C68 BILIN-BZT03C68 Datasheet
182Kb / 4P
   ZENER DIODES
logo
Vishay Siliconix
BZT03C68 VISHAY-BZT03C68 Datasheet
261Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03C68 VISHAY-BZT03C68 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Similar Description - BZT03C68

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMAJ5917B LEIDITECH-SMAJ5917B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
SMAJ5913B LEIDITECH-SMAJ5913B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
SMAJ5914B LEIDITECH-SMAJ5914B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
SMAJ5915B LEIDITECH-SMAJ5915B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
SMAJ5916B LEIDITECH-SMAJ5916B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
SMAJ5918B LEIDITECH-SMAJ5918B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
logo
Microsemi Corporation
UM7108C MICROSEMI-UM7108C Datasheet
322Kb / 7P
   Average power dissipation to 10 W
logo
EHAOAN.
EH-1WG3030Y-001J EHAOAN-EH-1WG3030Y-001J Datasheet
1Mb / 8P
   Dimension(L/W/H):3.05*3.25*0.55 mm
EH-1WB3030Y-001J EHAOAN-EH-1WB3030Y-001J Datasheet
1Mb / 8P
   Dimension(L/W/H):3.05*3.25*0.55 mm
EH-1WR3030Y-001J EHAOAN-EH-1WR3030Y-001J Datasheet
1Mb / 8P
   Dimension(L/W/H):3.05*3.25*0.55 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com