Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM72JG32 Datasheet (PDF) - Motorola, Inc

MCM72JG32 Datasheet PDF - Motorola, Inc
Part No. MCM72JG32
Download  MCM72JG32 Click to view

File Size   296.13 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium

MCM72JG32 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM72JG32 Datasheet PDF - Motorola, Inc

Part No. MCM72JG32
Download  MCM72JG32 Click to view

File Size   296.13 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium

MCM72JG32 Datasheet (HTML) - Motorola, Inc

Back Button MCM72JG32 Datasheet HTML 1Page - Motorola, Inc MCM72JG32 Datasheet HTML 2Page - Motorola, Inc MCM72JG32 Datasheet HTML 3Page - Motorola, Inc MCM72JG32 Datasheet HTML 4Page - Motorola, Inc MCM72JG32 Datasheet HTML 5Page - Motorola, Inc MCM72JG32 Datasheet HTML 6Page - Motorola, Inc MCM72JG32 Datasheet HTML 7Page - Motorola, Inc MCM72JG32 Datasheet HTML 8Page - Motorola, Inc MCM72JG32 Datasheet HTML 9Page - Motorola, Inc MCM72JG32 Datasheet HTML 10Page - Motorola, Inc Next Button 

MCM72JG32 Product details

The MCM72JG32 and MCM72JG64 are designed to provide a burstable, high performance, 256K/512K L2 cache for the Pentium microprocessor in conjunction with Intel’s Triton chip set. The modules are configured as 32K x 64 and 64K x 64 bits in a 160 pin card edge memory module. Each module uses four of Motorola’s 5 V 32K x 18 or 64K x 18 BurstRAMs and one Motorola 5 V 32K x 8 FSRAM for the tag RAM.

• Pentium–Style Burst Counter on Chip
• Pipelined Data Out
• 160 Pin Card Edge Module
• Address Pipeline Supported by ADSP Disabled with Ex
• All Cache Data and Tag I/Os are TTL Compatible
• Three State Outputs
• Byte Write Capability
• Fast Module Clock Rates: 66 MHz
• Fast SRAM Access Times:15 ns for Tag RAM 9 ns for Data RAMs
• Decoupling Capacitors for Each Fast Static RAM
• High Quality Multi–Layer FR4 PWB with Separate Power and Ground Planes
• I/Os are 3.3 V Compatible on Data RAMs
• Burndy Connector, Part Number: CELP2X80SC3Z48
• Series 20 Ω Resistors for Noise Immunity



Similar Part No. - MCM72JG32

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG50 MOTOROLA-MCM72BA32SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG60 MOTOROLA-MCM72BA32SG60 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA32SG66 MOTOROLA-MCM72BA32SG66 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BA64SG50 MOTOROLA-MCM72BA64SG50 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results

Similar Description - MCM72JG32

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM64PC32 MOTOROLA-MCM64PC32 Datasheet
180Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PE32 MOTOROLA-MCM64PE32 Datasheet
161Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MCM64PD32 MOTOROLA-MCM64PD32 Datasheet
184Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MCM64PC32T MOTOROLA-MCM64PC32T Datasheet
167Kb / 16P
   256K/512K Pipelined BurstRAM Secondary Cache Module for Pentium
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz