Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXE400A5 Datasheet (PDF) - Crydom Inc.,

CXE400A5 Datasheet PDF - Crydom Inc.,
Part # CXE400A5
Download  CXE400A5 Download

File Size   660.18 Kbytes
Page   5 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description Ratings of 5A @ 660 VAC

CXE400A5 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXE400A5 Datasheet PDF - Crydom Inc.,

Part # CXE400A5
Download  CXE400A5 Click to download

File Size   660.18 Kbytes
Page   5 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description Ratings of 5A @ 660 VAC

CXE400A5 Datasheet (HTML) - Crydom Inc.,

CXE400A5 Datasheet HTML 1Page - Crydom Inc., CXE400A5 Datasheet HTML 2Page - Crydom Inc., CXE400A5 Datasheet HTML 3Page - Crydom Inc., CXE400A5 Datasheet HTML 4Page - Crydom Inc., CXE400A5 Datasheet HTML 5Page - Crydom Inc.,



Similar Part No. - CXE400A5

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CXE480A5 CRYDOM-CXE480A5 Datasheet
483Kb / 4P
   PCB Mount
CXE480A5-B CRYDOM-CXE480A5-B Datasheet
483Kb / 4P
   PCB Mount
CXE480A5R CRYDOM-CXE480A5R Datasheet
483Kb / 4P
   PCB Mount
CXE480A5R CRYDOM-CXE480A5R Datasheet
593Kb / 5P
   PCB Mount
logo
List of Unclassifed Man...
CXE480D5 ETC1-CXE480D5 Datasheet
33Kb / 2P
   5Amp 120/240, 380, 480 Vac AC Output SIP
More results


Similar Description - CXE400A5

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
EL100D5-05 CRYDOM-EL100D5-05 Datasheet
704Kb / 5P
   Ratings of 5A and 10A 3-100 VDC
CL240D05 CRYDOM-CL240D05 Datasheet
673Kb / 5P
   Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
EZE240A12SR CRYDOM-EZE240A12SR Datasheet
796Kb / 5P
   Compact design for low-profile applications; Ratings from 5A to 18A @ 600 VAC
SDV2415R CRYDOM-SDV2415R Datasheet
608Kb / 5P
   Ratings to 1.5A @ 280 VAC
logo
Hammond Manufacturing L...
1584S3 HAMMOND-1584S3 Datasheet
78Kb / 1P
   Ratings - 125 VAC, 15 Amps
1584S20 HAMMOND-1584S20 Datasheet
76Kb / 1P
   Ratings - 125 VAC, 20 Amps
1584S10 HAMMOND-1584S10 Datasheet
80Kb / 1P
   Ratings - 250 VAC, 10 Amps
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415 Datasheet
815Kb / 4P
   SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com