Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPA180 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

SMTPA180 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # SMTPA180
Download  SMTPA180 Download

File Size   529.68 Kbytes
Page   6 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Telecommunication Protection

SMTPA180 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMTPA180 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMTPA180
Download  SMTPA180 Click to download

File Size   529.68 Kbytes
Page   6 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Telecommunication Protection

SMTPA180 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

SMTPA180 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA180 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA180 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA180 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA180 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMTPA180 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd

SMTPA180 Product details

DESCRIPTION
The SMTPAxxx series has been designed to protect telecommunication equipment against lightning and transient induced by AC power lines. The package/die size ratio has been optimized by using the SMB package.

Features
◇ Bidirectional crowbar protection
◇ Voltage range from 62V to 270V
◇ Low capacitance from 15pF to 30pF typ.@50V
◇ Low leakage current: IR=2μA max
◇ Holding current: IH=150mA min
◇ Repetitive peak pulse current: IPP=50A,10/1000μs.




Similar Part No. - SMTPA180

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA180 STMICROELECTRONICS-SMTPA180 Datasheet
61Kb / 5P
   TRISILETM
SMTPA180 STMICROELECTRONICS-SMTPA180 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA180 STMICROELECTRONICS-SMTPA180 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Galaxy Semi-Conductor H...
SMTPA180 BILIN-SMTPA180 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Frontier Electronics.
SMTPA180 FRONTIER-SMTPA180 Datasheet
123Kb / 4P
   TELECOM EQUIPMENT PROTECTION竊숿RISILTM
More results


Similar Description - SMTPA180

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com