Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA15CA Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

P4SMA15CA Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # P4SMA15CA
Download  P4SMA15CA Download

File Size   123.38 Kbytes
Page   3 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Glass Passivated Junction Transient Voltage Suppressor

P4SMA15CA Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA15CA Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P4SMA15CA
Download  P4SMA15CA Click to download

File Size   123.38 Kbytes
Page   3 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Glass Passivated Junction Transient Voltage Suppressor

P4SMA15CA Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

P4SMA15CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P4SMA15CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P4SMA15CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd

P4SMA15CA Product details

Glass Passivated Junction Transient Voltage Suppressor

VOLTAGE-6.8 TO 550 Volts

400 Watt Peak Pulse Power



Features

• For surface mounted applications in order to optimize board space

• Glass passivated junction

• Built-in strain relief

• Excellent clamping capability

• Low profile package

• Low inductance

• Excellent clamping capability

• Fast response time: typically less than 1.0 ps from 0 volts to BV min

• Typical IRless than 1µA above 10V

• High temperature soldering guaranteed: 250°C/10 seconds at terminals




Similar Part No. - P4SMA15CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA15CA WTE-P4SMA15CA Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
P4SMA15CA SOCAY-P4SMA15CA Datasheet
580Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
P4SMA15CA TSC-P4SMA15CA Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Littelfuse
P4SMA15CA LITTELFUSE-P4SMA15CA Datasheet
1Mb / 6P
   P4SMA Series
P4SMA15CA LITTELFUSE-P4SMA15CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
More results


Similar Description - P4SMA15CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com