Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM69P737 Datasheet (PDF) - Motorola, Inc

MCM69P737 Datasheet PDF - Motorola, Inc
Part No. MCM69P737
Download  MCM69P737 Click to view

File Size   279.92 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM

MCM69P737 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM69P737 Datasheet PDF - Motorola, Inc

Part No. MCM69P737
Download  MCM69P737 Click to view

File Size   279.92 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM

MCM69P737 Datasheet (HTML) - Motorola, Inc

Back Button MCM69P737 Datasheet HTML 1Page - Motorola, Inc MCM69P737 Datasheet HTML 2Page - Motorola, Inc MCM69P737 Datasheet HTML 3Page - Motorola, Inc MCM69P737 Datasheet HTML 4Page - Motorola, Inc MCM69P737 Datasheet HTML 5Page - Motorola, Inc MCM69P737 Datasheet HTML 6Page - Motorola, Inc MCM69P737 Datasheet HTML 7Page - Motorola, Inc MCM69P737 Datasheet HTML 8Page - Motorola, Inc MCM69P737 Datasheet HTML 9Page - Motorola, Inc MCM69P737 Datasheet HTML 10Page - Motorola, Inc Next Button 

MCM69P737 Product details

128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM

The MCM69P737 is a 4M bit synchronous fast static RAM designed to provide a burstable, high performance, secondary cache for the PowerPC™ and other high performance microprocessors. It is organized as 128K words of 36 bits each. This device integrates input registers, an output register, a 2–bit address counter, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K).
The MCM69P737 operates from a 3.3 V core power supply and all outputs operate on a 2.5 V or 3.3 V power supply. All inputs and outputs are JEDEC standard JESD8–5 compatible.

• MCM69P737–3.5: 3.5 ns Access/6 ns Cycle (166 MHz)
   MCM69P737–3.8: 3.8 ns Access/6.7 ns Cycle (150 MHz)
   MCM69P737–4: 4 ns Access/7.5 ns Cycle (133 MHz)
• 3.3 V + 10%, – 5% Core Power Supply, 2.5 V or 3.3 V I/O Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Single–Cycle Deselect Timing
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• PB1 Version 2.0 Compatible
• JEDEC Standard 119–Pin PBGA and 100–Pin TQFP Packages



Similar Part No. - MCM69P737

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735ZP2.5 MOTOROLA-MCM69P735ZP2.5 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735ZP2.5R MOTOROLA-MCM69P735ZP2.5R Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735ZP3 MOTOROLA-MCM69P735ZP3 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735ZP3.5 MOTOROLA-MCM69P735ZP3.5 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69P737

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results





Datasheet Page


1   2   3   4   5   6   7   8   9   10   11   12   13   14   15   16   17   18   19   20  


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz