Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPA200 Datasheet (PDF) - Frontier Electronics.

SMTPA200 Datasheet PDF - Frontier Electronics.
Part # SMTPA200
Download  SMTPA200 Download

File Size   123.28 Kbytes
Page   4 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description TELECOM EQUIPMENT PROTECTION竊숿RISILTM

SMTPA200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMTPA200 Datasheet PDF - Frontier Electronics.

Part # SMTPA200
Download  SMTPA200 Click to download

File Size   123.28 Kbytes
Page   4 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description TELECOM EQUIPMENT PROTECTION竊숿RISILTM

SMTPA200 Datasheet (HTML) - Frontier Electronics.

SMTPA200 Datasheet HTML 1Page - Frontier Electronics. SMTPA200 Datasheet HTML 2Page - Frontier Electronics. SMTPA200 Datasheet HTML 3Page - Frontier Electronics. SMTPA200 Datasheet HTML 4Page - Frontier Electronics.

SMTPA200 Product details

DESCRIPTION
THE SMTPAxxx SERIES HAS BEEN DESIGNED TO PROTECT TELECOMMUNICATION EQUIPMENT AGAINST LIGHTNING AND TRANSIENT INDUCED BY AC POWER LINES.
THE PACKAGE / DIE SIZE RATIO HAS BEEN OPTIMIZED BY USING THE SMB PACKAGE

FEATURES
● BIDIRECTIONAL CROWBAR PROTECTION
● VOLTAGE RANGE FROM 62V TO 270V
● LOW CAPACITANCE FROM 15PF TO 30PF TYP.@50V
● LOW LEAKAGE CURRENT: IR = 2uA MAX.
● HOLDING CURRENT: IH = 150 mA MIN.
● REPETITIVE PEAK PULSE CURRENT: IPP = 50A (10/1000uS)

MAIN APPLICATIONS
TELECOMMUNICATION EQUIPMENT SUCH AS:
● ANALOG AND DIGITAL LINE CARDS (xDSL,T1/E1,ISDN..)
● TERMINALS (PHONE, FAX,MODEM…) AND CENTRAL OFFICE EQUIPMENT.




Similar Part No. - SMTPA200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPA200 STMICROELECTRONICS-SMTPA200 Datasheet
61Kb / 5P
   TRISILETM
SMTPA200 STMICROELECTRONICS-SMTPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMTPA200 STMICROELECTRONICS-SMTPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Galaxy Semi-Conductor H...
SMTPA200 BILIN-SMTPA200 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Luguang Electr...
SMTPA200 LUGUANG-SMTPA200 Datasheet
529Kb / 6P
   Telecommunication Protection
More results


Similar Description - SMTPA200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
   TELECOM EQUIPMENT PROTECTION TRISIL
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL
November 2002 - Ed: 4B
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
logo
EPCOS
B59012B1080A151 EPCOS-B59012B1080A151 Datasheet
276Kb / 4P
   Overcurrent protection in telecom equipment
logo
STMicroelectronics
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com