Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF20-02 Datasheet (PDF) - Frontier Electronics.

SF20-02 Datasheet PDF - Frontier Electronics.
Part # SF20-02
Download  SF20-02 Download

File Size   128.0 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A SUPER FAST RECOVERY RECTIFIER

SF20-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF20-02 Datasheet PDF - Frontier Electronics.

Part # SF20-02
Download  SF20-02 Click to download

File Size   128.0 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A SUPER FAST RECOVERY RECTIFIER

SF20-02 Datasheet (HTML) - Frontier Electronics.

SF20-02 Datasheet HTML 1Page - Frontier Electronics. SF20-02 Datasheet HTML 2Page - Frontier Electronics.

SF20-02 Product details

FEATURES

HIGH RELIABILITY

LOW FORWARD VOLTAGE

SUPER FAST SWITCHING

GOOD FOR 200KHZ POWER SUPPLIER

HIGH SURGE CAPABILITY

HIGH CURRENT CAPABILITY



MECHANICAL DATA

CASE: MOLDED PLASTIC, DO15, DIMENSIONS IN INCHES AND (MILLIMETERS)

EPOXY: UL 94V-0 MOLDING COMPOUND

LEADS: MIL-STD-202E METHOD 208C GUARANTEED

MOUNTING POSITION: ANY

WEIGHT: 0.4 GRAMS




Similar Part No. - SF20-02

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF20-02-LFR FRONTIER-SF20-02-LFR Datasheet
128Kb / 2P
   2A SUPER FAST RECOVERY RECTIFIER
SF20-02G FRONTIER-SF20-02G Datasheet
128Kb / 2P
   2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF20-02G-LFR FRONTIER-SF20-02G-LFR Datasheet
128Kb / 2P
   2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
More results


Similar Description - SF20-02

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF20-005-LFR FRONTIER-SF20-005-LFR Datasheet
128Kb / 2P
   2A SUPER FAST RECOVERY RECTIFIER
SF20-005G FRONTIER-SF20-005G Datasheet
128Kb / 2P
   2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF20-005G-LFR FRONTIER-SF20-005G-LFR Datasheet
128Kb / 2P
   2A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SFS2A FRONTIER-SFS2A Datasheet
129Kb / 2P
   2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
SFS2A-LFR FRONTIER-SFS2A-LFR Datasheet
129Kb / 2P
   2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Shindengen Electric Mfg...
D2L40 SHINDENGEN-D2L40 Datasheet
405Kb / 6P
   Super Fast Recovery Rectifiers(400V 2A)
logo
Frontier Electronics.
HER201G FRONTIER-HER201G Datasheet
982Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
logo
Sirectifier Global Corp...
HER201G SIRECT-HER201G Datasheet
121Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
BY296 FRONTIER-BY296 Datasheet
125Kb / 2P
   2A FAST RECOVERY PLASTIC RECTIFIER
HER201 FRONTIER-HER201 Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com