Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ188A(CA) Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

SMAJ188A(CA) Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # SMAJ188A(CA)
Download  SMAJ188A(CA) Download

File Size   1670.44 Kbytes
Page   3 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS

SMAJ188A(CA) Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ188A(CA) Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # SMAJ188A(CA)
Download  SMAJ188A(CA) Click to download

File Size   1670.44 Kbytes
Page   3 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS

SMAJ188A(CA) Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd

SMAJ188A(CA) Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SMAJ188A(CA) Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd SMAJ188A(CA) Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd

SMAJ188A(CA) Product details

FEATURES :
    400W surge capability at 1ms
    Excellent clamping capability
    Low zener impedance
    Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.)
    Typical I R less then 1mA above 10V




Similar Part No. - SMAJ188A(CA)

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SMAJ188A DAESAN-SMAJ188A Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
logo
Vishay Siliconix
SMAJ188A VISHAY-SMAJ188A Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
logo
Galaxy Semi-Conductor H...
SMAJ188A BILIN-SMAJ188A Datasheet
775Kb / 7P
   Transient Voltage Suppressor
SMAJ188A BILIN-SMAJ188A Datasheet
114Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMAJ188A LUGUANG-SMAJ188A Datasheet
192Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
More results


Similar Description - SMAJ188A(CA)

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMBJ5.0 TAYCHIPST-SMBJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
logo
First Silicon Co., Ltd
5.0SMDJ11A FS-5.0SMDJ11A Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
5.0SMDJXXCA FS-5.0SMDJXXCA Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
2019. 12. 06 Revision No : 0
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com